Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M91G53-R0 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M91G53-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M91G53-R0 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR4M91G53-R0_V01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR4M91G53-R0_V01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document No. JGC42-8798
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 9/16
11. 耐候性能
Environmental Characteristics
項 目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
11-1
高温放置
High
Temperature
Exposure
(Storage)
製品を試験用基板に実装した状態で、温度+85±2℃
の恒温槽中に1000時間保持した後、室温に取り出
し、 1 時間放置した後、測定します。試験方法は
IEC60068-2-2に準拠します。
Component shall be soldered on the test board.
Then it shall be kept in a chamber at +85±2°C for
1000 hours. And then it shall be measured after
leaving at room temperature for 1 hour. Testing
procedure is accordance with IEC60068-2-2.
表1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
11-2
低温放置
Cold
(Storage)
製品を試験用基板に実装した状態で、温度-55±2℃
の恒温槽中に1000時間保持した後、室温に取り出
し、 1 時間放置した後、測定します。試験方法は
IEC60068-2-1に準拠します。
Component shall be soldered on the test board.
Then it shall be kept in a chamber at -55±2°C for
1000 hours. And then it shall be measured after
leaving at room temperature for 1 hour. Testing
procedure is accordance with IEC60068-2-1.
表1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
11-3
高温高湿放置
Biased Humidity
製品を試験用基板に実装した状態で、温度+60±2℃
湿度90~95%R.H.の恒温恒湿槽中にて1000時間
保持した後、室温に取り出し、1時間放置した後、測
定 します。試験方法は IEC60068-2-78に準拠しま
す。
Component shall be soldered on the test board.
Then it shall be kept in a chamber at +60±2°C, 90
to 95%R.H. for 1000 hours. And then it shall be
measured after leaving at room temperature for 1
hour. Testing procedure is accordance with
IEC60068-2-78.
表1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
11-4
熱衝撃
Temperature
Cycling
製品を試験用基板に実装した状態で、温度-55℃の
恒温槽中に30分間保持後、温度+85℃の恒温槽中
に直ちに移し、30分間保持する。これを1サイクルと
し、10サイクル行った後、室温に取り出し、1時間放
置した後、測定します。試験方法はJISC60068-2-14
に準拠します。
Component shall be soldered on the test board.
After performing 10 cycles of thermal test (-55°C
for 30 minutes to +85°C for 30 minutes), it shall
be measured after leaving at room temperature
for 1 hour. Testing procedure is accordance with
JISC60068-2-14.
表1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com