Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR6M00G55B-R0 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd

Part # CSTCR6M00G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR6M00G55B-R0 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR6M00G55B-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR6M00G55B-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Document No. JGC42-8795
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 7/19
10. 機械的性能 Physical Characteristics
項 目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
10-1 衝撃
Mechanical
Shock
製 品 を試験用基板に実装した状態で、加速度
100G(980m/s2)、作用時間6msの衝撃を6面に各3回
加えた後、測定します。試験方法は
AEC-Q200 REV
Dに準拠します。
Component shall be soldered on the test board.
Then it shall be measured after being applied 3
successive shocks, 100G(980m/s2) for 6ms in the
directions of 6 sides. Testing procedure is in
accordance with AEC-Q200 REV D.
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
10-2 振動
Vibration
製品を試験用基板に実装した状態で、振動周波数
10~2000Hz、5G(49m/s2)の振動をX,Y,Zの3方向に
各
4時間加えた後、測定します。試験方法はAEC-
Q200 REV Dに準拠します。
Component shall be soldered on the test board.
Then it shall be measured after being applied
vibration of 5G(49m/s2) with 10 to 2000Hz band of
vibration frequency to each of 3 perpendicular
direction for 4 hours. Testing procedure is in
accordance with AEC-Q200 REV D.
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
10-3 基板たわみ
Board Flex
製品を第
2 図に示すたわみ試験用基板に実装し、下
図のとおりたわみ量
2mm になるまで毎秒 0.5mm の
速さで加圧し、
60+5/-0 秒間保持します。試験方法は
AEC-Q200 REV D に準拠します。
Component shall be soldered on the test board
shown in Figure 2.
Then apply pressure in vertical direction shown in
the figure below at a rate of about 0.5mm/s until
bent width reaches 2mm and hold for 60+5/-0
seconds. Testing procedure is in accordance with
AEC-Q200 REV D.
20
10
Part
PCB
R10
45
45
Load
Deflection
Stick
5 Supporter
φ
1 Off-Center
加圧棒
加圧
1センターズレ
部品
5支持台
たわみ
±
φ
±
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com