Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TJ3-HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TJ3-HT
Description  Toroid, High Current, High Temperature, Radial Leaded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ3-HT Datasheet(HTML) 2 Page - Vishay Siliconix

  TJ3-HT Datasheet HTML 1Page - Vishay Siliconix TJ3-HT Datasheet HTML 2Page - Vishay Siliconix TJ3-HT Datasheet HTML 3Page - Vishay Siliconix TJ3-HT Datasheet HTML 4Page - Vishay Siliconix TJ3-HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TJ3-HT
www.vishay.com
Vishay Dale
Revision: 09-Mar-12
2
Document Number: 34234
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
TJ3-HT
1U
10 μH
± 20 %
EB
e2
MODEL
MOUNTING/COATING
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
TJ
3
1
U
E
B
1
0
0
M
H
T
MODEL
MOUNTING/COATING
CODE
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
SERIES
PERFORMANCE GRAPHS: INDUCTANCE VS. DC CURRENT AND DC CURRENT VS. TEMPERATURE
HORIZONTAL MOUNTED
VERTICAL MOUNTED
TJ32UEBR39MHT (TJ3-HT 2U 0.39 µH ± 20 % EB e2)
0.00
0.20
0.40
0.60
0.80
1.00
32
016
24
8
DC Current (A)
0
10
20
30
40
50
TJ31UEBR39MHT (TJ3-HT 1U 0.39 µH ± 20 % EB e2)
0.00
0.20
0.40
0.60
0.80
1.00
36
0
6
12
18
24
30
DC Current (A)
0
10
20
30
40
50
TJ32UEB1R2MHT (TJ3-HT 2U 1.2 µH ± 20 % EB e2)
0.00
0.30
0.60
0.90
1.20
1.50
26
016 18 20 22 24
810 12 14
246
DC Current (A)
0
10
20
30
40
50
TJ31UEB1R2MHT (TJ3-HT 1U 1.2 µH ± 20 % EB e2)
0.00
0.50
1.00
1.50
2.00
2.50
30
0
5
10
15
20
25
DC Current (A)
0
10
20
30
40
50
TJ32UEB1R5MHT (TJ3-HT 2U 1.5 µH ± 20 % EB e2)
0.00
0.50
1.00
1.50
2.00
2.50
24
016
20
812
4
DC Current (A)
0
10
20
30
40
50
TJ31UEB1R5MHT (TJ3-HT 1U 1.5 µH ± 20 % EB e2)
0.00
0.50
1.00
1.50
2.00
2.50
30
0
5
10
15
20
25
DC Current (A)
0
10
20
30
40
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com