Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK0260F Datasheet(PDF) 2 Page - AUK corp

Part # STK0260F
Description  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK0260F Datasheet(HTML) 2 Page - AUK corp

  STK0260F Datasheet HTML 1Page - AUK corp STK0260F Datasheet HTML 2Page - AUK corp STK0260F Datasheet HTML 3Page - AUK corp STK0260F Datasheet HTML 4Page - AUK corp STK0260F Datasheet HTML 5Page - AUK corp STK0260F Datasheet HTML 6Page - AUK corp STK0260F Datasheet HTML 7Page - AUK corp STK0260F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T0O015-000
2
STK0260F
Absolute maximum ratings
(Tc=25
°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
±30
V
(Tc=25℃)
2.0
A
Drain current (DC)
ID
(Tc=100℃)
1.3
A
Drain current (Pulsed) *
IDP
8.0
A
Drain Power dissipation
PD
22
W
Avalanche current (Single)
②
IAS
2.0
A
Single pulsed avalanche energy
②
EAS
42
mJ
Avalanche current (Repetitive)
①
IAR
2.0
A
Repetitive avalanche energy
①
EAR
3.7
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max
Unit
Junction-case
Rth(J-C)
-
5.68
Thermal
resistance
Junction-ambient
Rth(J-a)
-
62.5
℃
/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com