Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC952FBD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC952FBD
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC952FBD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC952FBD Datasheet HTML 5Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 6Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 7Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 8Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 9Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 10Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 11Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 12Page - NXP Semiconductors P89LPC952FBD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9397 750 14716
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01— 16 September 2005
9 of 66
Philips Semiconductors
P89LPC952
8-bit microcontroller with 10-bit ADC
P0.6/CMP1/
KBI6
37
31
I/O
P0.6 — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P0.7/T1/KBI7
35
29
I/O
P0.7 — Port 0 bit 7.
I/O
T1 — Timer/counter 1 external count input or overflow output.
I
KBI7 — Keyboard input 7.
P1.0 to P1.7
I/O, I
[1]
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type,
except for three pins as noted below. During reset Port 1 latches are
configured in the input only mode with the internal pull-up disabled. The
operation of the configurable Port 1 pins as inputs and outputs depends
upon the port configuration selected. Each of the configurable port pins
are programmed independently. Refer to Section 7.13.1 “Port
configurations” and Table 10 “Static characteristics” for details. P1.2 to
P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
P1.0/TXD0
10
4
I/O
P1.0 — Port 1 bit 0.
O
TXD0 — Transmitter output for serial port 0.
P1.1/RXD0
9
3
I/O
P1.1 — Port 1 bit 1.
I
RXD0 — Receiver input for serial port 0.
P1.2/T0/SCL
8
2
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain
when used as output).
I/O
SCL — I2C-bus serial clock input/output.
P1.3/INT0/ SDA 7
1
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
P1.4/INT1
6
44
I
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
P1.5/RST
5
43
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1.
When functioning as a reset input, a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0. Also used
during a power-on sequence to force ISP mode. When using an
oscillator frequency above 12 MHz, the reset input function of P1.5
must be enabled. An external circuit is required to hold the device in
reset at power-up until VDD has reached its specified level. When
system power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above
12 MHz, in some applications, an external brownout detect circuit
may be required to hold the device in reset when VDD falls below the
minimum specified operating voltage.
Table 3:
Pin description …continued
Symbol
Pin
Type Description
PLCC44
LQFP44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com