Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST19XR08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19XR08
Description  Dual Contactless Smartcard MCU With 8 Kbytes EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19XR08 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19XR08 Datasheet HTML 1Page - STMicroelectronics ST19XR08 Datasheet HTML 2Page - STMicroelectronics ST19XR08 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
BRIEF DATA
February 2004
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 68 87 29.
ST19XR08
Dual Contactless Smartcard MCU
With 8 Kbytes EEPROM
PRODUCT FEATURES
I ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
I 72 KBYTES USER ROM WITH PARTITIONING
I 1.5 KBYTES USER RAM WITH
PARTITIONING
I 8 KBYTES USER EEPROM WITH
PARTITIONING plus 128 BYTES USER and ST
OTP AREA:
– Highly reliable CMOS EEPROM submicron
technology
– Error Correction Code for single bit fail
correction within a byte
– 10 year data retention
– 500,000 Erase/Write cycles endurance
– 1 to 32 bytes Erase or Program in 1 ms
I SECURITY FIREWALLS FOR MEMORIES,
and ENHANCED DES ACCELERATOR.
I VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH
PROGRAMMING AND CLOCK
MANAGEMENT.
I 2x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
I HARDWARE SECURITY ENHANCED DES
ACCELERATOR WITH LIBRARY SUPPORT
FOR SYMMETRICAL ALGORITHMS:
– DES, triple DES computations and CBC
chaining mode...
I ISO 3309 CRC CALCULATION BLOCK
I FIPS 140-2 COMPLIANT RANDOM NUMBER
GENERATOR WITH TWO GUN REGISTERS
(Generators of Unpredictable Number)
I 2.7 V TO 5.5 V SUPPLY VOLTAGE
I EXTERNAL CLOCK FREQUENCY UP TO
10 MHz
I HIGH PERFORMANCE PROVIDED USING
INTERNAL CLOCK FREQUENCY
I UNIQUE SERIAL NUMBER ON EACH DIE
I POWER SAVING STANDBY MODE
I CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
I SERIAL ACCESS I/O, ISO 7816-3
COMPATIBLE
I ESD PROTECTION GREATER THAN 5000 V
Figure 1. Delivery Form
(1) Typical values, independent from external clock frequency and
supply voltage.
CONTACTLESS SPECIFIC FEATURES
I BASED UPON ISO 14443 TYPE B
I 13.56 MHz CARRIER FREQUENCY
I HIGH SPEED DATA TRANSFER CAPABILITY
UP TO 424 KBAUDS
I RF FRAME UP TO 256 BYTES
I 10% AMPLITUDE MODULATION RECEPTION
(READER TO CARD)
I BPSK - NRZ LOAD MODULATION (CARD TO
READER)
I INTERFACE WITH RF READERS
SUPPORTED THROUGH A LIBRARY OF
EMBEDDED SOFTWARE FUNCTIONS
COMPATIBLE WITH ISO 14443 STANDARD
I ESD PROTECTION ON ANTENNA PADS
GREATER THAN 3000 V
Function
Speed (1)
Triple DES (with enhanced security)
58.0 µs
Single DES (with enhanced security)
43.0 µs
259a.ai
Micromodule
Wafer


Similar Part No. - ST19XR08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19XG34 STMICROELECTRONICS-ST19XG34 Datasheet
36Kb / 2P
Smartcard MCU with 34KBYTES HIGH DENSITY EEPROM
2000-Sep
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
Sep-2002
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
Sep-2003
More results

Similar Description - ST19XR08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
Smartcard MCU With 8 KBytes EEPROM
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
Smartcard MCU With 16 KBytes EEPROM
ST19SF64 STMICROELECTRONICS-ST19SF64 Datasheet
27Kb / 2P
Smartcard MCU With 64 KBytes EEPROM
ST19WR02 STMICROELECTRONICS-ST19WR02 Datasheet
49Kb / 3P
Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
Apr-2004
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
Smartcard MCU With 8 Kbytes EEPROM
May-2004
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
Smartcard MCU With 8 Kbytes EEPROM
Sep-2002
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
17-Jan-2006
ST19WR08 STMICROELECTRONICS-ST19WR08 Datasheet
139Kb / 5P
Dual Contactless Smartcard MCU With RF UART, IART & 8 Kbytes EEPROM
16-Mar-2006
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
Smartcard MCU With 2 Kbytes EEPROM
Sep-2004
ST19WR02 STMICROELECTRONICS-ST19WR02_06 Datasheet
100Kb / 4P
Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
27-Jan-2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com