Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC5DNF30V Datasheet(PDF) 10 Page - STMicroelectronics

Part # STC5DNF30V
Description  Dual N-channel 30V - 0.032Ω - 4.5A - TSSOP8 2.7V-Driver STripFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC5DNF30V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STC5DNF30V Datasheet HTML 4Page - STMicroelectronics STC5DNF30V Datasheet HTML 5Page - STMicroelectronics STC5DNF30V Datasheet HTML 6Page - STMicroelectronics STC5DNF30V Datasheet HTML 7Page - STMicroelectronics STC5DNF30V Datasheet HTML 8Page - STMicroelectronics STC5DNF30V Datasheet HTML 9Page - STMicroelectronics STC5DNF30V Datasheet HTML 10Page - STMicroelectronics STC5DNF30V Datasheet HTML 11Page - STMicroelectronics STC5DNF30V Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STC5DNF30V
10/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.05
1.20
0.041
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.008
0.012
c
0.127
0.005
D
2.90
3.10
0.114
0.122
E
4.30
4.50
0.170
0.177
E1
6.20
6.60
0.240
0.260
E2
5.14
5.24
0.202
0.206
e
0.65
0.025
L
0.45
0.75
0.018
0.030
L1
0.90
1.10
0.0355
0.0433
R
0.09
0.004
R1
0.09
0.004
θ10°
8
°
0
°
8
°
θ2
12
°
TSSOP8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com