Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1150 Datasheet(PDF) 1 Page - ams AG

Part # AS1150
Description  Quad LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1150 Datasheet(HTML) 1 Page - ams AG

  AS1150 Datasheet HTML 1Page - ams AG AS1150 Datasheet HTML 2Page - ams AG AS1150 Datasheet HTML 3Page - ams AG AS1150 Datasheet HTML 4Page - ams AG AS1150 Datasheet HTML 5Page - ams AG AS1150 Datasheet HTML 6Page - ams AG AS1150 Datasheet HTML 7Page - ams AG AS1150 Datasheet HTML 8Page - ams AG AS1150 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1150
, AS1151
Quad LV DS Receivers
austriamicrosystems
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.19
1 - 15
1 General Description
The AS1150 and AS1151 are quad flow-through LVDS
(low-voltage differential signaling) receivers which
accept LVDS differential inputs and convert them to
LVCMOS outputs. The receivers are perfect for low-
power low-noise applications requiring high signaling
rates and reduced EMI emissions.
The devices are guaranteed to receive data at speeds
up to 500Mbps (250MHz) over controlled impedance
media of approximately 100
Ω. Supported transmission
media are PCB traces, backplanes, and cables.
The AS1150 uses high impedance inputs and requires
an external termination resistor when used in a point-to-
point connection. The AS1151 features integrated paral-
lel termination resistors (nominally 107
Ω), which elimi-
nate the requirement for discrete termination resistors,
and reduce stub lengths.
The integrated failsafe feature sets the output high if the
inputs are open, undriven and terminated, or undriven
and shorted. Enable inputs (EN and ENn – internally
pulled down to GND) control the high-impedance output
and are common to all four receivers. All inputs conform
to the ANSI TIA/EIA- 644 LVDS standards. Flow-through
pinout simplifies PC board layout and reduces crosstalk
by separating the LVDS inputs and LVCMOS outputs.
The devices are available in a 16-pin TSSOP package.
Figure 1. Block Diagrams
2 Key Features
!
Flow-Through Pinout
!
Guaranteed 500Mbps Data Rate
!
300ps Pulse Skew (Max)
!
Conform to ANSI TIA/EIA-644 LVDS Standards
!
Single +3.3V Supply
!
Operating Temperature Range: -40 to +85ºC
!
Failsafe Circuit
!
Integrated Termination (AS1151)
!
16-pin TSSOP Package
3 Applications
The devices are ideal for digital copiers, laser printers,
cellular phone base stations, add/drop muxes, digital
cross-connects, dslams, network switches/routers,
backplane interconnect, clock distribution computers,
intelligent instruments, controllers, critical microproces-
sors and microcontrollers, power monitoring, and porta-
ble/battery-powered equipment.
Rx
107
Ω
Rx
Rx
Rx
AS1151
AS1150
Rx
Rx
Rx
Rx
EN
ENn
IN4-
IN4+
IN3-
IN3+
IN2-
IN2+
IN1-
IN1+
OUT1
OUT2
OUT3
OUT4
EN
ENn
IN4-
IN4+
IN3-
IN3+
IN2-
IN2+
IN1-
IN1+
107
Ω
107
Ω
107
Ω
OUT1
OUT2
OUT3
OUT4
VCC
VCC


Similar Part No. - AS1150

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61 Datasheet
429Kb / 2P
GaAs IC SP4T Non-Reflective Switch DC-2 GHz
AS115-61 SKYWORKS-AS115-61 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
ams AG
AS1152 AMSCO-AS1152 Datasheet
145Kb / 15P
Quad LVDS Driver
AS1152-T AMSCO-AS1152-T Datasheet
145Kb / 15P
Quad LVDS Driver
More results

Similar Description - AS1150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
Quad Differential Receivers
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
3V LVDS Quad Flow-Through Differential Line Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
Quad line receivers
13-Apr-2006
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
QUAD CHANNEL M-LVDS RECEIVERS
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
QUAD CHANNEL M-LVDS RECEIVERS
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
3V LVDS Quad Flow-Through Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com