Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3682-EB2 Datasheet(PDF) 42 Page - ams AG

Part # AS3682-EB2
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682-EB2 Datasheet(HTML) 42 Page - ams AG

Back Button AS3682-EB2 Datasheet HTML 35Page - ams AG AS3682-EB2 Datasheet HTML 36Page - ams AG AS3682-EB2 Datasheet HTML 37Page - ams AG AS3682-EB2 Datasheet HTML 38Page - ams AG AS3682-EB2 Datasheet HTML 39Page - ams AG AS3682-EB2 Datasheet HTML 40Page - ams AG AS3682-EB2 Datasheet HTML 41Page - ams AG AS3682-EB2 Datasheet HTML 42Page - ams AG AS3682-EB2 Datasheet HTML 43Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
www.austriamicrosystems.com
Revision 2.21
42 - 43
14 Ordering Information
Where:
Device
ID
Part
Number
Package
Type
Delivery
Form*
Mode
Description
AS3682-PDM
AS3682-EA1
QFN 24
Tape and Reel
Normal Mode, Soft
Flash Mode, Hard
Flash Mode 1
4x4x0.85mm,
Pitch = 0.5mm
AS3682-EB1
Tube
AS3682-EA2
Tape and Reel
Hard Flash Mode 2
AS3682-EB2
Tube
P = Package Type:
E = QFN 4x4x0.85mm
D = Delivery Form:
A = Tape and Reel
B = Tube
M = Mode
1 = Normal Mode, Soft Flash Mode, and Hard Flash Mode 1
2 = Hard Flash Mode 2
* Dry-pack sensitivity level = 3 in accordance with IPC/JEDEC J-STD-033A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com