Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STCCP27A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCCP27A
Description  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCCP27A Datasheet HTML 2Page - STMicroelectronics STCCP27A Datasheet HTML 3Page - STMicroelectronics STCCP27A Datasheet HTML 4Page - STMicroelectronics STCCP27A Datasheet HTML 5Page - STMicroelectronics STCCP27A Datasheet HTML 6Page - STMicroelectronics STCCP27A Datasheet HTML 7Page - STMicroelectronics STCCP27A Datasheet HTML 8Page - STMicroelectronics STCCP27A Datasheet HTML 9Page - STMicroelectronics STCCP27A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Pin configuration
STCCP27A
6/19
Table 2.
Main function table
Z = High Impedance, L = Low Voltage Level, H = High Voltage Level, X = Don’t care
Table 3.
I2C Bus function table
Open: If I/OVDD is not driven then the I/OVL will go in high level VL by embedded 10kΩ pull-up resistor; If I/OVL
is not driven then the I/OVCC will go in high level VDD by embedded 10KΩ pull-up resistor
Input
Output
Function
Enable SYNC_SEL
D+
D-
CLK+ CLK-
V-SYNC
H-SYNC
D1-D8
CLK
L
X
XX
XX
L
L
L
L
CCP disabled
HH
SOF (FFH 00H 00H 02H)H
H
See detailed
timing diagram
Start of frame
H
H
EOF(FFH 00H 00H 03H)
L
L
End of frame
HH
SOL(FFH 00H 00H 00H)
No change
H
Start of line
HH
EOL(FFH 00H 00H 01H)
No change
L
End of line
H
L
XX
XX
L
L
D+, D-
See
detailed
timing
diagram
Disabledsync
(D1-D8 will get out
data, including
sync code)
Enable
I/O Input
Function
I/OVDD
I/OVL
XL
L
I2C Comm.
XVDD
VL
I2C Comm.
XOpen
VL
I2C Comm.
XVDD
Open
I2C Comm.
Figure 5.
Frame structure In VGA case (allowed synchronization codes sequence)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com