Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTE16-12-R-25 Datasheet(PDF) 4 Page - C&K Components

Part # RTE16-12-R-25
Description  Low Profile Rotary DIP Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE16-12-R-25 Datasheet(HTML) 4 Page - C&K Components

  RTE16-12-R-25 Datasheet HTML 1Page - C&K Components RTE16-12-R-25 Datasheet HTML 2Page - C&K Components RTE16-12-R-25 Datasheet HTML 3Page - C&K Components RTE16-12-R-25 Datasheet HTML 4Page - C&K Components RTE16-12-R-25 Datasheet HTML 5Page - C&K Components RTE16-12-R-25 Datasheet HTML 6Page - C&K Components RTE16-12-R-25 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
H
H–28
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
RTE Series
Low Profile Rotary DIP Switches
TERMINATIONS
.315
(8)
.283
(7,2)
.283
(7,2)
.378
(9,60)
.291
(7,4)
Ø.041
(1,05)
.10
(2,54)
.10
(2,54)
THRU-HOLE
.451±.008
(11,45±0,2)
.041
(1,05)
.291
(7,4)
.020
(0.5)
.283
(7,2)
.366
(9,3)
REVERSE, THRU-HOLE
0.2
(5,08)
0.1
(2,54)
0.035
(0,9)
C
C
1
2
0.1
(2,54)
C
C
1
2
0.035
(0,9)
0.035
(0,9)
0.035
(0,9)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
C
C
1
2
C
C
1
2
Ø 3,5 Min.
Ø (0.138 min)
Ø in PC Board for screw driver operation must be 3.5 mm
`
m
m
RTE02 with
ground terminal
RTE02 without
ground terminal
RTE03 with
ground terminal
RTE03 without
ground terminal
2
2
0.3
(7,62)
0.3
(7,62)
0.3
(7,62)
0.3
(7,62)
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
m
C
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
C
RTE10, RTE 04 or RTE16
with ground terminal
RTE10, RTE 04 or RTE16
without ground terminal
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
m
C
0.1
(2,54)
0.1
(2,54)
4
1
8
2
0.035
(0,9)
0.3
(7,62)
C
RTE10, RTE 04 or RTE16
with ground terminal
RTE10, RTE 04 or RTE16
without ground terminal
0.2
(5,08)
0.1
(2,54)
0.035
(0,9)
C
C
1
2
0.1
(2,54)
C
C
1
2
0.035
(0,9)
0.035
(0,9)
0.035
(0,9)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
0.1
(2,54)
C
C
1
2
C
C
1
2
Ø 3,5 Min.
Ø (0.138 min)
Ø in PC Board for screw driver operation must be 3.5 mm
`
m
m
RTE02 with
ground terminal
RTE02 without
ground terminal
RTE03 with
ground terminal
RTE03 without
ground terminal
2
2
0.4
(10,16)
0.4
(10,16)
0.4
(10,16)
0.4
(10,16)
N
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com