Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTE16-8-2-R-25 Datasheet(PDF) 1 Page - C&K Components

Part # RTE16-8-2-R-25
Description  Low Profile Rotary DIP Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE16-8-2-R-25 Datasheet(HTML) 1 Page - C&K Components

  RTE16-8-2-R-25 Datasheet HTML 1Page - C&K Components RTE16-8-2-R-25 Datasheet HTML 2Page - C&K Components RTE16-8-2-R-25 Datasheet HTML 3Page - C&K Components RTE16-8-2-R-25 Datasheet HTML 4Page - C&K Components RTE16-8-2-R-25 Datasheet HTML 5Page - C&K Components RTE16-8-2-R-25 Datasheet HTML 6Page - C&K Components RTE16-8-2-R-25 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
H
H–25
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
RT
E
Number of Positions
RTE02 1
RTE03 1
RTE04 2
RTE10 3
2RTE16 3
ESD Protection and top plate
0
Without ESD - standard plate
1
With ESD - standard plate 4
B
Without ESD - black plate
Actuator
0
Flush, screwdriver slot
1
Extended shaft 2, 5
2
Shaft for button 2, 5, 6
Terminations
N
Thru-hole
V
Right angle 7
G
Surface mount
M
Manual 8
R
Reverse, thru-hole
Switch Function
0
Single pole 3, 1
1
BCD code
2
BCD complement code 9
3
Grey Code 10
4
Hexadecimal code 11
7
Grey Code 12
Contact/Terminal Material
4
Gold/Matte-tin
5
Silver/Matte-tin 13
1 - RTE02/RTE03 available with single pole function “0” only
2 - RTE04 version only available with screwdriver slot acuator "0"
3 - Single pole function not available for RTE10/RTE16
4 - ESD protection available with “N” thru-hole termination only
5 - Not available in surface mount
6 - Buttons ordered separately
7 - Not available for RTE02/RTE03
8 - Manual - available for RTE03 and RTE10/RTE16 with actuator option “2” only
9 - BCD complement code for RTE10, not available with terminations “G” & “M”
10 - Grey Code - for RTE10 only
11 - Hexidecimal code for RTE16 only
12 - Grey code for RTE04/RTE16 only
13 - Silver contact option only available for RTE02/RTE03
RTE Series
Low Profile Rotary DIP Switches
Features/Benefits
• Thru-hole and surface mount
models
• Miniature size with robust
metal cover in black or
silver nickel finish
• 2, 3, 4, 10, & 16 positions
• Large choice of codings
• Vertical or reverse versions
• RoHS compliant
Typical Applications
• Timers, automation components
• Computer and peripherals
• Alarms, access control
• Instrumentation
Specifications
CONTACT RATING:
Gold: 100 mA max. 10µ A min. 30 V DC max. 20 mVDC min.
Silver: 100 mA max. 1 mA min. 50 V DC max. 2 VDC min.
MECHANICAL LIFE: RTE02/03: 1,500 actuations; RTE04/10/16:
20,000 actuations
CONTACT RESISTANCE: 100 m
Ω max. initial;
150 m
Ω after life
INSULATION RESISTANCE: RTE02/03: 1013
Ω min.
RTE04/10/16: 1010
Ω min. initial
DIELECTRIC STRENGTH: RTE 02/03: 500 Vrms;
RTE 10/16; 300 Vrms
OPERATING TEMPERATURE: -25°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
PACKAGING: N or R terminations in tube.
V termination in box. G termination in reel, 750 pieces per
reel. G termination with flush actuator, 1250 pieces per reel.
Materials
COVER: Brass, nickel plated (black or silver)
BASE: Thermoplastic PPS
ACTUATOR: LCP
KNOB: Thermoplastic
MOVABLE CONTACTS: Bronze, gold or silver plated.
STATIONARY CONTACTS: Brass, gold or silver plated.
TERMINALS: See page I-28 to I-29
O-RING: Silicone
Note: Specifications and materials listed above are for switches with standard options. For
information on specific and custom switches, consult Customer Service Center.
Solderability: Wave soldering 260º/2s.
SMT are reflow compatible according to CECC 00802-NORM.
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of
options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
NOTE: Some of the configurations may not be available or could require some development.


Similar Part No. - RTE16-8-2-R-25

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE16-00G04 CK-COMPONENTS-RTE16-00G04 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTE16-00G07 CK-COMPONENTS-RTE16-00G07 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTE16-00G14 CK-COMPONENTS-RTE16-00G14 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTE16-00G17 CK-COMPONENTS-RTE16-00G17 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTE16-00G34 CK-COMPONENTS-RTE16-00G34 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
More results

Similar Description - RTE16-8-2-R-25

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
Low-cost Rotary DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
Low Profile DIP Switches
RTE ITT-RTE Datasheet
427Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
Low Profile Rotary DIP Switches
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
Low Profile Rotary DIP Switches
2021
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
Low Profile Rotary DIP Switches
15 Sep 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com