Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTE16-12-R-35 Datasheet(PDF) 6 Page - C&K Components

Part # RTE16-12-R-35
Description  Low Profile Rotary DIP Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE16-12-R-35 Datasheet(HTML) 6 Page - C&K Components

  RTE16-12-R-35 Datasheet HTML 1Page - C&K Components RTE16-12-R-35 Datasheet HTML 2Page - C&K Components RTE16-12-R-35 Datasheet HTML 3Page - C&K Components RTE16-12-R-35 Datasheet HTML 4Page - C&K Components RTE16-12-R-35 Datasheet HTML 5Page - C&K Components RTE16-12-R-35 Datasheet HTML 6Page - C&K Components RTE16-12-R-35 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
H
H–30
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
RTE Series
Low Profile Rotary DIP Switches
CONTACT MATERIAL
SWITCH FUNCTION
1 BCD CODE
0 SINGLE POLE
2 BCD COMPLEMENT CODE
4 HEXADECIMAL CODE
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
POS.
C
1
2
3
4
1
2
3
4
Other codes available by request.
** When selecting contact material option 4 and 5 with RTE02, RTE03 and or “V” terminations, these combinations are RoHS compliant but not currently
compatible (i.e. they do not sustain the high temperatures of the leadfree soldering process). All other options and terminations are RoHS compatible.
Please contact customer service for RoHS compatible versions of the RTE02 and RTE03.
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
OPTION
CODE
*4
*5
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
GOLD
SILVER
YES
YES
YES * *
YES * *
MATTE TIN
MATTE TIN
100 mA max.
10µ A min.
30 V DC max.
100 mA max.
1 mA min.
50 V DC max.
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
3 GREY CODE ( for RTE10 only )
POS.
C
1
2
4
8
1
2
3
4
7 GREY CODE (for RTE04 only)
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A B C D E F
(for RTE16 only)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com