Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMTH6010LPDQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6010LPDQ
Description  60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPDQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6010LPDQ Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 7Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 8Page - Diodes Incorporated DMTH6010LPDQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMTH6010LPDQ
Document number: DS38517 Rev. 4 - 2
2 of 9
www.diodes.com
December 2021
© Diodes Incorporated
DMTH6010LPDQ
Ordering Information (Note 4)
Part Number
Package
Packing
Qty.
Carrier
DMTH6010LPDQ-13
PowerDI5060-8 (Type C)
2,500
Tape & Reel
DMTH6010LPDQ-13
PowerDI5060-8/SWP (Type UXD)
2,500
Tape & Reel
Notes:
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6)
TC = +25°C
TC = +100°C
ID
47.6
33.7
A
Continuous Drain Current (Note 5)
Steady
State
TA = +25°C
TA = +70°C
ID
13.1
10.9
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
170
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
31
A
Avalanche Current, L = 0.1mH
IAS
20
A
Avalanche Energy, L = 0.1mH
EAS
20
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.8
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
53
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
37.5
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
= Manufacturer’s Marking
H6010LD = Product Type Marking Code
YYWW or YYWW = Date Code Marking
YY or YY = Year (ex: 21 = 2021)
WW = Week (01 to 53)
S1
D1
G1
S2
G2
D1
D2
D2
H6010LD
YY WW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com