Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRV4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PRV4
Description  Industrial Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV4 Datasheet(HTML) 2 Page - Vishay Siliconix

  PRV4_V01 Datasheet HTML 1Page - Vishay Siliconix PRV4_V01 Datasheet HTML 2Page - Vishay Siliconix PRV4_V01 Datasheet HTML 3Page - Vishay Siliconix PRV4_V01 Datasheet HTML 4Page - Vishay Siliconix PRV4_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRV4
www.vishay.com
Vishay Sfernice
Upgrade for Longlife Version to RV4L
Revision: 21-Nov-2022
2
Document Number: 50004
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 10°
Resistance range
Linear taper
20
Ω to 10 MΩ
Logarithmic taper
100
Ω to 2.5 MΩ
Standard series
1 - 2 - 2.5 - 5
Tolerance
Standard
± 20 %
On request
± 10 %
Taper
Circuit diagram
Power rating
Linear
Logarithmic
2 W at 70 °C
1 W at 70 °C
Temperature coefficient (typical)
300 ppm/°C
Limiting element voltage (linear law)
500 V
Contact resistance variation (typical)
1 % Rn or 3
Ω
End resistance
4
Ω
Dielectric strength (RMS)
1500 V
Insulation resistance (500 VDC)104 M
Ω
Independent linearity (typical)
5 %
10
100
1000
10000
0
20
40
60
80
100
0
20406080
100
Axis Title
Clockwise Shaft Rotation (%)
F
A
L
a
(1)
b
(2)
c
(3)
cw
10
100
1000
10000
0
1
2
0
20406080
70
100
125 140
Axis Title
Ambient Temperature (°C)
Linear taper “A”
Logarithmic taper “L and F”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com