Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M63P201KB40T607 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M63P201KB40T607
Description  3/8 Square (10 mm) Single-Turn Cermet Trimmer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M63P201KB40T607 Datasheet(HTML) 1 Page - Vishay Siliconix

  M63P201KB40T607 Datasheet HTML 1Page - Vishay Siliconix M63P201KB40T607 Datasheet HTML 2Page - Vishay Siliconix M63P201KB40T607 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
63
www.vishay.com
Vishay Spectrol
Revision: 26-Jan-18
1
Document Number: 57027
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square (10 mm) Single-Turn Cermet Trimmer
DESIGN SUPPORT TOOLS
FEATURES
• Arrow and graduations for repeatable settings
• “O” ring seal for solvent and aqueous washing
• Rigid board mounting achieved with pins
secured in housing
• Multi-finger wiper for better contact resistance
• Solid end stop
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
The Model 63 cermet trimmer is available in several pin configurations for top or side adjustment and with a choice of Knob
styles for finger setting. Quick adjustment is achieved with multi-finger wiper and the standard resistance range is between
100
 and 2 M with a tolerance of ± 10 %.
click logo to get started
Available
Models
DIMENSIONS in inches (millimeters) ± 0.02" (0.5 mm)
63M
63S
63P63X
0.01
(0.25)
0.188
(4.78)
min.
0.020 x 0.012
(0.51 x 0.30)
0.190
(4.83)
0.2 ± 0.010
(5.1 ± 0.25)
0.395
(10.03)
0.100
(2.54)
0.045
(1.14)
0.100
(2.54)
0.177
(4.5)
0.100
(2.54)
0.375
(9.52)
0.375
(9.52)
0.40
(1.02)
0.100
(2.54)
0.100
(2.54)
0.100
(2.54)
0.01
(0.25)
T607
(all pin styles)
0.410
(10.41)
Ø 0.330
(8.38)
T640
(pin styles P and M)
Ø 0.550
(13.97)
0.320
(8.13)
T614
(all pin styles)
0.119
(3.02)


Similar Part No. - M63P201KB40T607

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M63P101KB30T607 VISHAY-M63P101KB30T607 Datasheet
306Kb / 4P
Product Change Notification
M63P101KB40 VISHAY-M63P101KB40 Datasheet
306Kb / 4P
Product Change Notification
M63P102KB30T607 VISHAY-M63P102KB30T607 Datasheet
306Kb / 4P
Product Change Notification
M63P102KB30T640 VISHAY-M63P102KB30T640 Datasheet
306Kb / 4P
Product Change Notification
M63P102KB40 VISHAY-M63P102KB40 Datasheet
306Kb / 4P
Product Change Notification
More results

Similar Description - M63P201KB40T607

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com