Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-2835PCX12-34-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-2835PCX12-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-2835PCX12-34-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-2835PCX12-34-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-2835PCX12-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 13
SI N CE 198 1
Note : IFP is pulse of 1/10 duty at 1KHz
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
*
2Forward Voltage
Vf
5.6
-
6.6
V
*
3Luminous Intensity
Iv
47500
-
-
mcd
Luminous Flux
ΦV
95
-
-
lm
x
-
0.37
-
*
4Chromaticity
Coordinates
y
-
0.36
-
-
Color Temperature
CCT
2580
-
7040
K
Color Rendering Index
CRI
80
-
-
Viewing Angle
2
θ1/2
IF =150mA
-
120
-
deg
● Typical Electro-Optical Characteristics Curves.
2.0
200
Forw ard current (m A )
0
100
150
0.5
1.0
1.5
250
300
0.7
0.8
80
0.4
0.5
0.3
0.2
0.1
0.6
90
70
60
0.9
1.0
50
40
30
Fig.3 Forw ard current vs. forw ard voltage
vs. forw ard current
Fig.5 R elative lum inous intensity
Forw ard voltage(V)
50
1
0
3
100
150
200
250
1.5
Fig.6 R adiation diagram
10
020
A m b ient tem perature Ta( C )
7
59
0
-25
0.5
1.0
25
050
100
75
2.0
2.5
3.0
0
Fig.4 R elative lum inous intensity vs.
am bient tem perature
A m bient tem pera ture Ta( C )
40
20
60
100
80
Fig.2 Forw ard current derating curve
120
60
180
240
300
vs. am bient tem perature
2
46
8
10
Fig.1 R ELA TIVE IN TE NSITY VS. W A VE LE NG TH
0.0
380
0.2
0.6
W AVELENG TH
(nm )
430
480
530
580
630
680
730
800
0.1
0.5
0.8
[IF=150m A T a=25
]
⊥
0.3
0.4
0.7
0.9
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com