Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-3020SW10-34-R80 Datasheet(PDF) 10 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3020SW10-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3020SW10-34-R80 Datasheet(HTML) 10 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-3020SW10-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 11Page - American Bright OPTOELECTRONICS CORP. BL-3020SW10-34-R80 Datasheet HTML 12Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--3
30
02
20
0S
SW
W1
10
0--3
34
4--R
R8
80
0
Ver1.0 Page: 9 of 11
SI N CE 198 1
●IR-Reflow Soldering
1.
Avoid any external stress applied to the resin while the LEDs are at
high temperature, especially during soldering .
2.
Avoid rapid cooling or any excess vibration during temperature ramp-down process
3.
Although the soldering condition is recommended above,
soldering at the lowest possible temperature is feasible for the LEDs
●
IRON
Soldering
300℃ Within 3 sec,one time only.
3°c/s max
3°c/s max
6°c/s max
Max260°C MAX10S
255°C
240°C
245°C
217°C
200°C
150°C
30 sec Max
TIME(sec)
RAMP-UP
RAMP-UP
RAMP-DOWN
60-120S
60-120S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com