Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

164C19829X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 164C19829X
Description  D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female thread lock,metal bracket,fixing plate,snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

164C19829X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  164C19829X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 164C19829X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
P.C.B. EDGE
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
16K1A3173
A3
2/2
P.C.B. HOLE DRILLINGS
see sheet 1
Henneboel
16.01.13
Fischer
D-SUB DUAL PORT 19,05mm
37pos. Female / 37pos. Female
16K1A7162
2:1
see sheet 1
a
Original
1 - 0
0,1
+
n
(74x)
2,77 `0,1
5,54 `0,1
8,28 `0,1
24,84 `0,1
1,4 `0,1
4,14 `0,1
23,47 `0,1
63,5 `0,13
6,91 `0,1
9,68 `0,1
12,42 `0,1
11,05 `0,1
13,82 `0,1
15,19 `0,1
17,96 `0,1
20,7 `0,1
16,56 `0,1
19,33 `0,1
22,1 `0,1
3,1 `0,1
n
(4x)
1
1
P.C.B. HOLE DRILLINGS
(P.C.B. TOP SIDE)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com