Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACASN0T3P1AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ACASN0T3P1AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASN0T3P1AT Datasheet(HTML) 7 Page - Vishay Siliconix

  ACASN0T3P1AT Datasheet HTML 1Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 2Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 3Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 4Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 5Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 6Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 7Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 8Page - Vishay Siliconix ACASN0T3P1AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACAS 0606 AT, ACAS 0612 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 17-Aug-2022
7
Document Number: 28770
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents
(2) Figures are given for arrays with equal values, design type AE
(3) For a single element
4.37
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2) °C
(85 ± 5) % RH
U =
;
U ≤ 0.3 x Umax.;
1000 h
± (0.5 %
R + 0.05 Ω)
4.13
-
Short time overload (3)
Standard operation mode
U = 2.5 x
or
U = 2 x Umax.;
5 s
± (0.1 %
R + 0.01 Ω)
no visible damage
4.38
-
Electrostatic discharge
(human body model) (3)
IEC 61340-3-1;
3 pos. + 3 neg.
(equivalent to MIL-STD-883,
Method 3015); 1000 V
± (0.5 %
R + 0.05 Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and
30 min at 125 °C;
1000 cycles
± (0.25 %
R + 0.05 Ω)
no visible damage
4.18
58 (Td)
Resistance to soldering
heat
Reflow method 2
(IR/forced gas convection);
(260 ± 5)
°C;
(10
± 1) s
± (0.1 %
R + 0.01 Ω)
no visible damage
4.17
58 (Td)
Solderability
Solder bath method;
SnPb; non-activated flux
accelerated aging 4 h/155 °C
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
≥ 95 % covered);
no visible damage
Solder bath method;
SnAgCu; non-activated flux
accelerated aging 4 h/155 °C
(235 ± 3) °C; (2 ± 0.2) s
4.32
21 (Ue3)
Shear (adhesion)
45 N
No visible damage
4.33
21 (Ue1)
Substrate bending
Depth 2 mm, 3 times
± (0.1 %
R + 0.01 Ω)
no visible damage;
no open circuit in bent position
4.35
-
Flammability
IEC 60695-11-5,
needle flame test; 10 s
No burning after 30 s
4.22
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz; no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2; 7.5 h
± (0.1 %
R + 0.01 Ω)
no visible damage
4.7
-
Voltage proof
URMS = Uins
60 s ± 5 s; against ambient,
between adjacent resistors
No flashover or breakdown
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (2)
(
ΔR)
Stability for product types:
ACAS 0606 AT
ACAS 0612 AT
47
Ω to 150 kΩ
47
Ω to 150 kΩ
0.1
x P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com