Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256162VBLS8PC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS8PC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS8PC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button V53C1256162VBLS8PC Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 12Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 13Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 14Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 15Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 16Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 17Page - List of Unclassifed Manufacturers V53C1256162VBLS8PC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
AC Characteristics 1,2, 3
TA = 0 to 70 °C(Commercial)/-40 to 85 °C(Extended);VSS = 0 V; VCC= 2.5 V,VCCQ = 1.8V, tT=1 ns
#
Symbol Parameter
Limit Values
Unit
Note
-7
-8PC
-10
Min.
Max.
Min.
Max.
Min.
Max.
Clock and Clock Enable
1tCK
Clock Cycle Time
CAS Latency = 3
CAS Latency = 2
CAS Latency = 1
7
10
20
–
–
–
8
10
20
–
–
–
10
12
25
–
–
–
ns
ns
ns
2tCK
Clock Frequency
CAS Latency = 3
CAS Latency = 2
CAS Latency = 1
–
–
–
143
100
50
–
–
–
125
100
50
–
–
–
100
83
40
MHz
MHz
MHz
3tAC
Access Time from Clock
CAS Latency = 3
CAS Latency = 2
CAS Latency = 1
–
_
_
5.4
6
19
–
_
_
6
6
19
–
_
_
7
8
22
ns
ns
ns
2, 4
4tCH
Clock High Pulse Width
2.5
–
3
–
3
–
ns
5tCL
Clock Low Pulse Width
2.5
–
3
–
3
–
ns
6tT
Transition Tim
0.3
1.2
0.5
10
0.5
10
ns
Setup and Hold Times
7tIS
Input Setup Time
1.5
–
2
–
2.5
–
ns
5
8tIH
Input Hold Time
0.8
–
1
–
1
–
ns
5
9tCKS
Input Setup Time
1.5
–
2
–
2.5
–
ns
5
10
tCKH
CKE Hold Time
0.8
–
1
–
1
–
ns
5
11
tRSC
Mode Register Set-up Time
14
–
16
–
20
–
ns
12
tSB
Power Down Mode Entry Time
0
7
0
8
0
8
ns
Common Parameters
13
tRCD
Row to Column Delay Time
15
–
20
–
20
–
ns
6
14
tRP
Row Precharge Time
15
–
20
–
20
–
ns
6
15
tRAS
Row Active Time
42
100K
45
100k
50
100k
ns
6
16
tRC
Row Cycle Time
60
–
60
–
70
–
ns
6
17
tRRD
Activate(a) to Activate(b) Command
Period
14
–
16
–
20
–
ns
6
18
tCCD
CAS(a) to CAS(b) Command Period
1
–
1
–
1
–
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com