Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRV6CSLEBXB12502MA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PRV6CSLEBXB12502MA
Description  Fully Sealed Potentiometer Cermet or Conductive Plastic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6CSLEBXB12502MA Datasheet(HTML) 4 Page - Vishay Siliconix

  PRV6CSLEBXB12502MA Datasheet HTML 1Page - Vishay Siliconix PRV6CSLEBXB12502MA Datasheet HTML 2Page - Vishay Siliconix PRV6CSLEBXB12502MA Datasheet HTML 3Page - Vishay Siliconix PRV6CSLEBXB12502MA Datasheet HTML 4Page - Vishay Siliconix PRV6CSLEBXB12502MA Datasheet HTML 5Page - Vishay Siliconix PRV6CSLEBXB12502MA Datasheet HTML 6Page - Vishay Siliconix PRV6CSLEBXB12502MA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRV6
www.vishay.com
Vishay Sfernice
Revision: 15-Jun-2022
4
Document Number: 51035
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
• Vishay trademark
• Part number
• Manufacturing date code
•Terminal: 1
PACKAGING
• Box of 15, 20, 25, or 50 pieces, code B12, B15, B17, or B25, depending of body and shaft construction
Hardware: nuts, washer, and O-ring are separately supplied (not mounted on the potentiometer), in a small bag placed in the packaging.
SHAFT
BUSHING
PACKAGING
STYLE: S, A
STYLE: B, C
AA
A, B, C, D, E
B25
B17
AB
B25
B17
AJ
B25
B12
BA
B25
B17
BB
B25
B17
BG
B25
B15
BJ
B25
B12
EA
H, I, J, K, S
B25
B17
EB
B25
B17
EJ
B25
B12
AP
All
Will be defined function of the shaft length
OPTIONS
SPECIAL FEATURES
Panel sealing
Except for dia. 4 mm shaft, an O.ring is supplied with the potentiometer. This O.ring should be placed
into the groove of the body and ensures the panel sealing.
For dia. 4 mm shaft please see note “P” in ordering information.
Shaft locking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com