Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256164VBLS7IPC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V53C1256164VBLS7IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256164VBLS7IPC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V53C1256164VBLS7IPC Datasheet HTML 1Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 2Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 3Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 4Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 5Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 6Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256164VBLS7IPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
54 Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
CLK
Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
A0–A12
Address Inputs
BA0, BA1
Bank Select
I/O1–I/O16
Data Input/Output
LDQM, UDQM
Data Mask
VCC
Power (+3.3V)
VSS
Ground
VCCQ
Power for I/O’s (+3.3V)
VSSQ
Ground for I/O’s
NC
Not connected
Description
Pkg.
Pin Count
TSOP-II
T
54
VCC
I/O1
VCCQ
NC
I/O2
VSSQ
NC
I/O3
VCCQ
NC
I/O4
VSSQ
NC
VCC
NC
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VCC
VSS
I/O8
VSSQ
NC
I/O7
VCCQ
NC
I/O6
VSSQ
NC
I/O5
VCCQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
356804V-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com