Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPF017N08NF2S Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPF017N08NF2S
Description  StrongIRFETTM 2 Power-Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF017N08NF2S Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPF017N08NF2S Datasheet HTML 3Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 4Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 5Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 6Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 7Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 8Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 9Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 10Page - Infineon Technologies AG IPF017N08NF2S Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
StrongIRFETTM2Power-Transistor
IPF017N08NF2S
Rev.2.0,2022-09-23
Final Data Sheet
Diagram9:Normalizeddrain-sourceonresistance
Tj[°C]
-75 -50 -25
0
25
50
75 100 125 150 175 200
0.0
0.4
0.8
1.2
1.6
2.0
RDS(on)=f(Tj),ID=100A,VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-75 -50 -25
0
25
50
75 100 125 150 175 200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1940 µA
194 µA
VGS(th)=f(Tj),VGS=VDS;parameter:ID
Diagram11:Typ.capacitances
VDS[V]
0
10
20
30
40
50
60
70
80
101
102
103
104
105
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Typ.forwardcharacteristicsofreversediode
VSD[V]
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
101
102
103
104
25 °C
175 °C
IF=f(VSD);parameter:Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com