Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256162VBLS7EPC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS7EPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS7EPC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button V53C1256162VBLS7EPC Datasheet HTML 9Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 12Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 13Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 14Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 15Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 16Page - List of Unclassifed Manufacturers V53C1256162VBLS7EPC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
Temperature Compensated/Partial Array Self-Refresh Currents
Parameter & Test Condition
Extended Mode
Register M[4:3]
Tcase[OC]
Symb.
Max.
Unit
Self Refresh Current
Self refresh Mode
CKE=0.2V, tck=infinity,
full array activations, all banks
85OC max
ICC6
900
uA
70OC max
600
uA
45OC max
500
uA
15OC max
400
uA
Self Refresh Current
Self refresh Mode
CKE=0.2V, tck=infinity,
1/2 array activations, Bank 0+1
85OC max
ICC6
600
uA
70OCmax
500
uA
45OC max
400
uA
15OCmax
350
uA
Self Refresh Current
Self refresh Mode
CKE=0.2V, tck=infinity,
1/4 array activations, Bank 0
85OC max
ICC6
450
uA
70OC max
420
uA
45OC max
350
uA
15OC max
300
uA
Self Refresh Current
Self refresh Mode
CKE=0.2V, tck=infinity,
1/8 array activations, Bank 0
85OC max
ICC6
400
uA
70OC max
350
uA
45OC max
310
uA
15OC max
290
uA
Self Refresh Current
Self refresh Mode
CKE=0.2V, tck=infinity,
1/16 array activations, Bank 0
85OC max
ICC6
350
uA
70OC max
320
uA
45OC max
295
uA
15OC max
280
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com