Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V53C1256162VBLS8EPC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS8EPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS8EPC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V53C1256162VBLS8EPC Datasheet HTML 1Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 2Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 3Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 4Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 5Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 6Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256162VBLS8EPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
Part Number Information
V
5 5
C
2
2 5616
4
V
T
7
ORGANIZATION
ProMOS
& REFRESH
OTHER
PC
: CL2
TYPE
16Mx16, 8K : 25616
BLANK: CL3
53
DRAM
54
SDRAM
TEMPERATURE
55
MOBILE SDRAM
BLNK:
0 - 70C
I :
-40 - 85C
E :
-40 - 125C
CMOS
BANKS
SPEED
VOLTAGE
2 : 2 BANKS
I/O
10 : 100MHz
7 : 143MHz
3 :
3.3 V
4 : 4 BANKS
V: LVTTL
8 : 125MHz:
6 : 166MHz
2 :
2.5 V
8 : 8 BANKS
75 : 133MHz
5 : 200MHz
1 :
1.8 V
REV LEVEL
A: 1st
C: 3rd
PACKAGE
B: 2nd
D: 4th
LEAD PLATING
LEAD FREE
GREEN
PACKAGE DESC.
TSOP
SPECIAL FEATURE
60-Ball FBGA
L: STANDARD LOW POWER
54-Ball FBGA
U: ULTRA LOW POWER
BGA
Die-Stacked TSOP
Die-Stacked FBGA
TI
SI
E
F
G
H
TE
SF
I
J
K
M
TS
SS
T
S
C
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com