Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25120/50 Datasheet(PDF) 2 Page - Alpha Wire

Part # 25120/50
Description  Customer Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25120/50 Datasheet(HTML) 2 Page - Alpha Wire

  25120/50 Datasheet HTML 1Page - Alpha Wire 25120/50 Datasheet HTML 2Page - Alpha Wire 25120/50 Datasheet HTML 3Page - Alpha Wire 25120/50 Datasheet HTML 4Page - Alpha Wire 25120/50 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WHITE/BLACK/VI
OLET
WHITE/ORANGE/
BLUE
10
WHITE
27
WHITE/BLACK/S
LATE
44
WHITE/ORANGE/
VIOLET
11
WHITE/BLACK
28
WHITE/BROWN/
RED
45
WHITE/ORANGE/
SLATE
12
WHITE/BROWN
29
WHITE/BROWN/
ORANGE
46
WHITE/YELLOW/
GREEN
13
WHITE/RED
30
WHITE/BROWN/
YELLOW
47
WHITE/YELLOW/
BLUE
14
WHITE/ORANGE 31
WHITE/BROWN/
GREEN
48
WHITE/YELLOW/
VIOLET
15
WHITE/YELLOW 32
WHITE/BROWN/
BLUE
49
WHITE/YELLOW/
SLATE
16
WHITE/GREEN
33
WHITE/BROWN/
VIOLET
50
WHITE/GREEN/B
LUE
17
WHITE/BLUE
34
WHITE/BROWN/
SLATE
2) Cable Assembly
50 Components Cabled
a) Twists:
2.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield:
A/P/A Tape, 20% Overlap, Min.
a) Drain Wire
24 (7/32) AWG Tinned Copper
b) Braid
Tinned Copper,70% Coverage, Nom.
4) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.457 (0.482 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25120/50
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA
AWM I/II A/B 90C 300 VOLTS FT1 CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com