Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T56D107M004CSS025 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # T56D107M004CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M004CSS025 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button T56D107M004CSS025 Datasheet HTML 2Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 3Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 4Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 5Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 9Page - Vishay Siliconix T56D107M004CSS025 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
T56
www.vishay.com
Vishay Polytech
Revision: 28-Nov-2022
6
Document Number: 40219
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Test temperature and test conditions, please refer to table “Standard Ratings”
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Life test
2000 h application of rated voltage at 105 °C (1),
2000 h application of 2/3 rated voltage at 125 °C (1),
MIL-STD-202 method 108
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
Shelf life test
2000 h no voltage applied at 105 °C (1),
2000 h no voltage applied at 125 °C (1),
MIL-STD-202 method 108
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
Humidity tests
At 60 °C / 90 % RH 500 h, no voltage applied (1)
At 85 °C / 85 % RH 500 h, rated voltage applied (1)
Capacitance change
-5 % to +50 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
Resistance
to solder heat
MIL-STD-202, method 210, condition J
(SnPb capacitors) and K (Pb-free capacitors)
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
Stability at low and
high temperatures
-55 °C
Capacitance change
Within -30 % to 0 % of initial value
Dissipation factor
Shall not exceed 150 % of initial limit
Leakage current
n/a
25 °C
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Within initial limit
85 °C
Capacitance change
Within -50 % to +30 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 1000 % of initial value
105 °C / 125 °C (1)
Capacitance change
Within 0 % to +50 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 1000 % of initial limit
Surge voltage
105 °C, 1000 successive test cycles at 1.3 of rated
voltage in series with a 33
Ω resistor at
the rate of 30 s ON, 30 s OFF
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
Shock
(specified pulse)
MIL-STD-202, method 213, condition I,
100 g peak
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Vibration
MIL-STD-202, method 204, condition D,
10 Hz to 2000 Hz 20 g peak
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Shear test
Apply a pressure load of 5 N for 10 s ± 1 s
horizontally to the center of capacitor side body
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
PRODUCT INFORMATION
Polymer Guide
www.vishay.com/doc?40076
Moisture Sensitivity
www.vishay.com/doc?40135
Infographic
www.vishay.com/doc?48084
Sample Board
www.vishay.com/doc?48073
FAQ
Frequently Asked Questions
www.vishay.com/doc?42106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com