Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A768EB127M1VLAS034 Datasheet(PDF) 9 Page - Kemet Corporation

Part # A768EB127M1VLAS034
Description  A768 125°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A768EB127M1VLAS034 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button A768EB127M1VLAS034 Datasheet HTML 5Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 6Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 7Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 8Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 9Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 10Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 11Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 12Page - Kemet Corporation A768EB127M1VLAS034 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4088_A768 • 9/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Solid Polymer Aluminum Capacitors
A768 125°C
Stability of ESR across Frequency Range
Due to a solid polymer electrolyte, the ESR curve of a solid polymer aluminum capacitor, is lower and more stable than that
of a standard electrolytic capacitor.
0.01
0.1
1
10
100
Frequency (Hz)
10K
100K
1M
10M
0
Aluminum Electrolytic
Conductive Polymer Electrolytic
Stable ESR Values across Frequency
High Resistance to Ripple Current
As a result of a lower ESR, solid polymer aluminum capacitors are able to withstand higher ripple currents during
normal operation.
0
0.5
1
1.5
2
2.5
3
3.5
4
33 µF/16 V
47 µF/16 V
100 µF/10 V
220 µF/10 V
Conductive Polymer Electrolytic
Aluminum Electrolytic
Allowable Ripple Current (100 kHz 105°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com