Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A768EB127M1GLAS034 Datasheet(PDF) 3 Page - Kemet Corporation

Part # A768EB127M1GLAS034
Description  A768 125°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A768EB127M1GLAS034 Datasheet(HTML) 3 Page - Kemet Corporation

  A768EB127M1GLAS034 Datasheet HTML 1Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 2Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 3Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 4Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 5Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 6Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 7Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 8Page - Kemet Corporation A768EB127M1GLAS034 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
A4088_A768 • 9/26/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Solid Polymer Aluminum Capacitors
A768 125°C
Dimensions – Millimeters
Standard
L
W
D
H
C
R
0.2 Maximum
P
Anti-Vibration
K
J
Size
Code
D
L
W
H
C
R
P
J
K
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Range
Nominal
Nominal
Nominal
EB
6.3
±0.5
5.7
±0.3
6.6
±0.2
6.6
±0.2
7.3
±0.2 0.5 – 0.8
2.0
-
-
KE
8
±0.5
6.7
±0.3
8.3
±0.2
8.3
±0.2
9
±0.2
0.8 – 1.1
3.1
-
-
KS
8
±0.5
12.2
±0.3
8.3
±0.2
8.3
±0.2
9
±0.2
0.8 – 1.1
3.2
-
-
MS
10
±0.5
12.2
±0.5
10.3
±0.2
10.3
±0.2
11
±0.2
0.8 – 1.1
4.6
-
-
MS
(Anti-
Vibration)
10
±0.5
12.4
±0.5
10.3
±0.2
10.8
±0.2
11
±0.2
0.7 – 1.1
4.6
4.4
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com