Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2COMI-M Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB-2COMI-M
Description  Basic Measurements Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-2COMI-M Datasheet(HTML) 1 Page - Coolgear Inc.

  USB-2COMI-M Datasheet HTML 1Page - Coolgear Inc. USB-2COMI-M Datasheet HTML 2Page - Coolgear Inc. USB-2COMI-M Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
Leo Pinto
1/3
A4
7/29/21
USB-2COMi-M
1:2
mm
Basic Measurements
Terminals
115.3


Similar Part No. - USB-2COMI-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
More results

Similar Description - USB-2COMI-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-16COM-MINI COOLGEAR-CG-16COM-MINI Datasheet
438Kb / 4P
Basic Measurements
8/19/21
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-PD60PPS COOLGEAR-CG-PD60PPS Datasheet
314Kb / 2P
Basic Measurements Mounting Holes Detailed Port Measurements
3/25/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
USB-2COMIPRO COOLGEAR-USB-2COMIPRO Datasheet
596Kb / 4P
Basic Measurements Terminals
11/12/21
USB-4COMI-SI-M COOLGEAR-USB-4COMI-SI-M Datasheet
540Kb / 3P
Basic Measurements
8/4/2021
USB2-8COMI-SI-TB COOLGEAR-USB2-8COMI-SI-TB Datasheet
427Kb / 3P
Basic Measurements
8/20/21
USB-16COM-RM COOLGEAR-USB-16COM-RM Datasheet
390Kb / 5P
Basic Measurements
10/5/21
USB-16COMI-RM COOLGEAR-USB-16COMI-RM Datasheet
306Kb / 4P
Basic Measurements
10/5/21
USB-8COMI-M COOLGEAR-USB-8COMI-M Datasheet
897Kb / 3P
Basic Measurements
8/6/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com