Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

690H509-652-252 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 690H509-652-252
Description  690H Series USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

690H509-652-252 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  690H509-652-252 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
690H SERIES
USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
Features:
www.edac.net
Specifications:
•
Up to 5 Gbps communication speed for standard USB 3.0
•
Industry standard plug and play technology - ‘Hot Pluggable’
•
Compatible with synchronous and asynchronous data transfer
•
Data and power combined in one small package
•
RoHS compliant
Insulator Material
Thermoplastic UL-94V-0
Contact Material
Copper alloy
Contact Plating
Nickel under plating with Gold plating on contact areas and Tin plating on tails
Shell Material
Brass with Nickel plating
Insertion Force
35N maximum
Withdrawal Force
10N minimum
Series:
690H
Receptacle
Connector Type:
109
USB 3.0 Type-A Tab Up **
509
USB 3.0 Type-A Tab Down
Contact Plating:
2
Gold Flash
6
30μ” Gold
Contact Code / Mounting Orientation:
5
Mid-Mount (Board Cut-Out Required) PCB
Mounting Option:
2
4 Through Hole Grounding Tabs
Connector Option:
2
No Tabs on Leading Edge of Shell
Material:
1
LCP **
5
PA9T
Insulator Color:
1
Black **
2
Blue
Ordering Code Notes:
Options marked ** are only available in part number - 690H109-652-211
Not all part numbers deriving from this ordering guide will be available.
Some may be available upon request. Please first consult the website, if the connector is
not readily available then please contact EDAC’s customer service for further inquiries.
customerservice@edac.net
Series
Connector Type
Contact Plating Code
Contact Code / Mounting Orientation
Material
Insulator Color
EXAMPLE PART NUMBER:
Mounting Option
Connector Option
690H109-252-252


Similar Part No. - 690H509-652-252

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690H509-652-252 EDAC-690H509-652-252 Datasheet
103Kb / 1P
690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
More results

Similar Description - 690H509-652-252

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
690G104-159-040 EDAC-690G104-159-040 Datasheet
93Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-159-240 EDAC-690G104-159-240 Datasheet
91Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-159-241 EDAC-690G104-159-241 Datasheet
91Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-253-021 EDAC-690G104-253-021 Datasheet
90Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-253-220 EDAC-690G104-253-220 Datasheet
86Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-659-040 EDAC-690G104-659-040 Datasheet
93Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690G104-659-240 EDAC-690G104-659-240 Datasheet
91Kb / 1P
690G Series,USB 2.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690H109-652-211 EDAC-690H109-652-211 Datasheet
103Kb / 1P
690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690H509-252-252 EDAC-690H509-252-252 Datasheet
103Kb / 1P
690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
690H509-652-252 EDAC-690H509-652-252 Datasheet
103Kb / 1P
690H Series,USB 3.0 TYPE-A RECEPTACLES - MID-MOUNT PCB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com