Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1PS76SB21 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 1PS76SB21
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB21 Datasheet(HTML) 1 Page - NXP Semiconductors

  1PS76SB21 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Jul 16
1999 May 05
DISCRETE SEMICONDUCTORS
1PS76SB21
Schottky barrier diode
age
M3D049


Similar Part No. - 1PS76SB21

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1PS76SB21 KEXIN-1PS76SB21 Datasheet
33Kb / 1P
Schottky barrier Diodes
logo
NXP Semiconductors
1PS76SB21 PHILIPS-1PS76SB21 Datasheet
82Kb / 11P
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
logo
Nexperia B.V. All right...
1PS76SB21 NEXPERIA-1PS76SB21 Datasheet
185Kb / 7P
40 V, 200 mA Schottky barrier diode
1 October 2022
1PS76SB21 NEXPERIA-1PS76SB21 Datasheet
655Kb / 11P
Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
40 V, 200 mA Schottky barrier diode
25 July 2022
More results

Similar Description - 1PS76SB21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com