Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

110PHT-ST Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 110PHT-ST
Description  Aluminum Electrolytic Capacitors, Power High Ripple for Traction, Screw Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

110PHT-ST Datasheet(HTML) 4 Page - Vishay Siliconix

  110PHT-ST_V01 Datasheet HTML 1Page - Vishay Siliconix 110PHT-ST_V01 Datasheet HTML 2Page - Vishay Siliconix 110PHT-ST_V01 Datasheet HTML 3Page - Vishay Siliconix 110PHT-ST_V01 Datasheet HTML 4Page - Vishay Siliconix 110PHT-ST_V01 Datasheet HTML 5Page - Vishay Siliconix 110PHT-ST_V01 Datasheet HTML 6Page - Vishay Siliconix 110PHT-ST_V01 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
110 PHT-ST
www.vishay.com
Vishay BCcomponents
Revision: 03-Jun-2022
4
Document Number: 28411
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Low ESL designs available on request
RIPPLE CURRENT AND USEFUL LIFE
Fig. 2 - Multiplier of ripple current (IR) as a function of air flow
Note
• Calculation example for 110 series. maximum ripple current multiplier = 1.6 x 1.3 x 1.25 = 2.6
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
US = 1.1 x UR
Reverse voltage
Urev
≤ 1 V
Current
Leakage current
After 1 min at UR
IL1
≤ 0.006 CR x UR
After 5 min at UR
IL5
≤ 0.002 CR x UR
Inductance
Equivalent series inductance (ESL)
Typ. 20 nH (1)
MAXIMUM RIPPLE CURRENT
PARAMETER
CONDITION
MAXIMUM RIPPLE CURRENT MULTIPLIER
VALUE
Ambient temperature (Tamb)
70 °C
From nomogram; see Fig. 3
1.6
Operating frequency (f)
400 Hz
From frequency; see Table 3
1.3
Air flow
2 m/s
From air flow; see Fig. 2
1.25
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
1
1.1
1.2
1.3
1.4
1.5
Air Velocity (m/s)
IR Free
IR Forced



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com