Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VF28 Datasheet(PDF) 3 Page - Tyco Electronics

Part # VF28
Description  Plug-In Relays Mini 280 Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VF28 Datasheet(HTML) 3 Page - Tyco Electronics

  VF28 Datasheet HTML 1Page - Tyco Electronics VF28 Datasheet HTML 2Page - Tyco Electronics VF28 Datasheet HTML 3Page - Tyco Electronics VF28 Datasheet HTML 4Page - Tyco Electronics VF28 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Plug-In Relays
Mini 280 Relays
VF28
Please observe the disclaimer.
58
Catalog 1308028
Revision 03-06
Revision 03-05
Contact data
Contact configuration
Circuit symbol
Rated voltage
Rated curent at 85 °C
Contact material
Max. switching voltage/power
Max. switching current1)
On2)
Off
Min. recommended load3)
Voltage drop A (initial)
NO contact at 35 A
NC contact at 20 A
Mechanical endurance (without load)
Electrical endurance
(example of resistive load,
further information on request)
Max. switching rate at nominal load
1)
The values apply to a resistive or inductive load with suitable spark suppression and at maximum 13.5 V for 12 V.
2)
For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3)
See chapter Diagnostics in our Application Recommendations on page 18 of this catalog or consult the internet at http://relays.tycoelectronics.com/application.asp
Make contact/
Changeover contact/
Form A
Form C
12 V
12 V
30 A
20/30 A
AgNi0.15
Stationary and NO movable: AgNi0.15, NC movable: A
See load limit curve
NC/NO
120 A
45/120 A
40 A
30/45 A
1 A at 5 V
200 mV max.
200 mV max.
250 mV max.
Typ. 107 operations
> 1 x 105 operations
> 1 x 105 operations
30 A, 14 V
30 A, 14 V
(NO contact)
6 operations per minute (0.1 Hz)
Load limit curve
Pin assignment
1 make contact/
1 changeover contact/
1 form A
1 form C
60
50
40
30
20
10
0.5
1
2
3
4
5
710
30
20
Switching Current (A)
75
40
100
W
200
W
500
W
ECR2115-X
Resistor if used
ECR2159-P
Resistor if used
ECR2160-S
Safe breaking, arc extinguished (normally open contact)
for resistive loads with resistor suppression.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com