Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLS3PS5AN23X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # DLS3PS5AN23X
Description  DUAL-PORT 19.05mm D-SUB MALE 25pos. / D-SUB FEMALE 25pos. with PCB clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

DLS3PS5AN23X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  DLS3PS5AN23X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DLS3PS5AN23X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DLS3PS5AN21X CONEC-DLS3PS5AN21X Datasheet
91Kb / 1P
DUAL-PORT 15.88mm D-SUB MALE 25pos. / D-SUB FEMALE 25pos. with PCB clip
21.01.2008
More results

Similar Description - DLS3PS5AN23X

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25-PS-24 ADAM-TECH-DB25-PS-24 Datasheet
199Kb / 1P
D-SUB 25POS MALE
logo
CONEC Elektronische Bau...
163A15499X CONEC-163A15499X Datasheet
827Kb / 2P
D-SUB DUAL PORT 15.88mm 25pos. Male / 25pos. Female with threaded lock, metal bracket and fixing plate
30.01.2018
164A15909X CONEC-164A15909X Datasheet
491Kb / 2P
D-SUB DUAL PORT 15,88mm 25pos. FEMALE / 25pos. MALE threaded lock, metal bracket, fixing plate
28.09.12
164A19819X CONEC-164A19819X Datasheet
502Kb / 2P
D-SUB DUAL PORT 15,88mm 25pos. FEMALE / 25pos. MALE threaded lock, metal bracket, fixing plate and clip
17.01.13
164B19819X CONEC-164B19819X Datasheet
502Kb / 2P
D-SUB DUAL PORT 15,88mm 25pos. FEMALE / 25pos. MALE threaded lock, metal bracket, fixing plate and clip
17.01.13
164C19819X CONEC-164C19819X Datasheet
502Kb / 2P
D-SUB DUAL PORT 15,88mm 25pos. FEMALE / 25pos. MALE threaded lock, metal bracket, fixing plate and clip
17.01.13
DLS2PS5AN23X CONEC-DLS2PS5AN23X Datasheet
71Kb / 1P
D-SUB DUAL-PORT 19.05mm MALE/FEMALE 2x15pos. with PCB clip rear type
26.03.2015
DLS3PS5AN21X CONEC-DLS3PS5AN21X Datasheet
91Kb / 1P
DUAL-PORT 15.88mm D-SUB MALE 25pos. / D-SUB FEMALE 25pos. with PCB clip
21.01.2008
24-001473 CONEC-24-001473 Datasheet
973Kb / 2P
D-SUB C-Filter Male 25pos. with threaded spacer PCB-clip
15.09.2021
24-008973 CONEC-24-008973 Datasheet
1Mb / 2P
D-SUB Filter DUAL PORT 19.05mm 25pos. Female / 25pos. Male threaded insert, metal bracket and fixing plate
14.09.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com