Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRM-15 Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # IRM-15
Description  15W Output Switching IRM-15 series Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

IRM-15 Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  IRM-15 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. IRM-15 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. IRM-15 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15W Output Switching Power Supply
IRM-15 series
Features:
Features:
Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Ultra-miniature size, light weight
Cooling by free air convection
Isolation classⅡ
No load power consumption<0.1W
100% full load burn-in test
High reliability
3 years warranty
Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Ultra-miniature size, light weight
Cooling by free air convection
Isolation class
No load power consumption<0.1W
100% full load burn-in test
High reliability
3 years warranty
DANUBE
DANUBE
Http://www.danube.com.tw
Http://www.danube.com.tw
File Name:IRM-15 2014-01-16
SPECIFICATION
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
1000ms, 20ms/230VAC
1000ms,20ms/115VAC at full load
40ms/230VAC
10ms/115VAC at full load
85 ~ 264VAC
120 ~ 370VDC
47 ~ 440Hz
78%
74%
82%
13.8 ~ 16.2V
82%
17.25 ~ 20.25V
83%
27.6 ~ 32.4V
0.35A/115VAC
0.2A/230VAC
COLD START 20A/115VAC
40A/230VAC
<0.75mA/240VAC
5.75 ~ 6.75V
3.8 ~ 4.95V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
I/P-O/P:3KVAC
o
I/P-O/P:100M Ohms / 500VDC / 25 C / 70% RH
20 ~ 90% RH non-condensing
o
-30 ~ +70 C (Refer to Derating curve)
o
-40 ~ +85 C, 10 ~ 95% RH
oo
+/-0.03% /C (0 ~ 50 C)
10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
o
970.3Khrs min.
MIL-HDBK-217F (25 C)
52.4*27.2*24mm (L*W*H)
0.059Kg/ 240pcs/15.2Kg/0.97CUFT
+/-0.3%
+/-0.5%
+/-0.3%
+/-0.5%
+/-0.3%
+/-0.5%
+/-0.5%
+/-1%
+/-0.5%
+/-1%
+/-2.5%
+/-2.5%
+/-2.5%
+/-2.5%
+/-2.5%
200mVp-p
200mVp-p
200mVp-p
200mVp-p
200mVp-p
5V
3.3V
12V
15V
24V
3A
3.5A
1.25A
1A
0.63A
0 ~ 3A
0 ~ 3.5A
0 ~ 1.25A
0 ~ 1A
0 ~ 0.63A
15W
11.55W
15W
15W
15.12W
IRM-15-5
IRM-15-12
IRM-15-15
IRM-15-24
IRM-15-3.3
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
o
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
C of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
ENVIRONMENT
SAFETY &
EMC
(Note 4)
PROTECTION
Protection type : Shut off o/p voltage, clamping by zener diode
Compliance to EN55022(CISPR22) Class B, EN61000-3-2,-3
EMC IMMUNITY
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, heavy industry level, criteria A
UL60950-1,TUV EN60950-1 approved
LEAKAGE CURRENT
115% ~ 190% rated output power
EMC EMISSION
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
o s


Similar Part No. - IRM-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
15W Output Switching Power Supply
More results

Similar Description - IRM-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15 Datasheet
197Kb / 2P
15W Output Switching Power Supply
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
15W Single Output Switching Power Supply
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
15W Output Switching Power Supply
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
15W Output Switching Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
15W Single Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
5W Output Switching IRM-05 series Power Supply
2013-07-09
IRM-10 DIWELL-IRM-10 Datasheet
155Kb / 2P
10W Output Switching IRM-10 series Power Supply
2013-07-09
IRM-20 DIWELL-IRM-20 Datasheet
250Kb / 3P
20W Output Switching IRM-20 series Power Supply
2014-01-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com