Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRM-60 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # IRM-60
Description  60W Single Output Encapsulated Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

IRM-60 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  IRM-60 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. IRM-60 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Derating VS Input Voltage
Derating Curve
Block Diagram
FILTER
I/P
EMI
FILTER
RECTIFIERS
&
RECTIFIERS
CONTROL
PWM
DETECTION
CIRCUIT
&
FILTER
+V
-V
SWITCHING
POWER
fosc : 65KHz
Mechanical Specification
Mechanical Specification
Case No.IRM60
Unit:mm
IRM-60 series
60W Single Output Encapsulated Type
DANUBE
Http://www.danube.com.tw
File Name:IRM-60 2015-03-17
AC/L, AC/N P/N diameter:1
+V, -V P/N diameter:2
3.5 1mm
BOTTOM
VIEW
-V
+V
AC/L
AC/N
5.7
76
87
29.5
AMBIENT TEMPERATURE ( )
(HORIZONTAL)
70
20
40
50
60
80
100
-30
-25
0
-15
15
30
50
60
230VAC
Input only
100VAC for 5V
40
for others
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com