Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-RPS-V3-MO2-M Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-MO2-M
Description  FLEXIBLE, MODULAR LAN ROUTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-MO2-M Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-RPS-V3-MO2-M Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-MO2-M Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
POWER
Power Supply
(sold separately)
10 – 60 VDC (2–Way Molex connector
Power Consumption
Idle: 2.5 W
Average: 4 W
Peak: 11 W
Sleep Mode: 10mW
ENVIRONMENTAL
Temperature Range
Operating: -40 to +75 °C
Storage: -40 to +85 °C
Humidity
Operating: 0 to 95 %
Storage (Non-condensing): 0 to 95 %
Cold Start
-35 °C
Operating Altitude
2000 m / 70 kPa
Ingress Protection Rating
IP30
WI-FI - 802.11 A/B/G/N, AP OR CLIENT MODES *Optional
Supported Wi-Fi band
2.4 GHz, 5.4 GHz
Encryption
None, WEP, TKIP, AES
5 GHz supported
channels
36, 40, 44, 48, 52, 56, 60, 64, 149, 153, 157, 161, 165
2.4 GHz supported
channels
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14
Number of clients
10
Authentication
Open, Shared, WPA–PSK, WPA2–PSK
MECHANICAL
Plastic or metal case with plastic or metal DIN rail
Enclosure
Dimensions
55x97x125 mm
Weight Plastic
170 g
Weight Metal
375 g
SOFTWARE
Network and Routing
DHCP Server, , DHCP Client, NAT/PAT, VRRP, Dynamic DNS client, DNS proxy, VLAN, QoS, NTP Client/ Server, IGMP, BGP, OSPF, RIP, SMTP, SMTPS,
SNMP v1/ v2c/ v3, Backup routes, PPP, PPPoE, SSL, Port Forwarding, Host Port Routing, Ethernet Bridging
Security
HTTPS, SSH, VPN tunnels, SFTP, Firewall (IP Filtering, MAC address filtering, Inbound and outbound Port filtering), DMZ (via iptables)
VPN Tunnelling
Open VPN client and server and P2P, L2TP, PPTP, GRE, EasyVPN, DMVPN, IPSec with IKEv1 and IKEv2
Configuration
Web server, SSH, Four configuration switchable profiles, Automatic configuration update from server Backup configuration, Restore configuration
Firmware Management
Automatic firmware update from server, Locally via LAN and USB, Over-the-Air software updates
Diagnostic
One CLICK report – current configuration / factory identification / system log / kernel log / reboot log / routing table, Remote diagnostics possible via
SSH
Status
Network Status, DHCP Status, IPSec Status, Statistics history for last 60 days
Log
System Log, Reboot Log, Kernel Log
Controlling and
Diagnostic
SNMP v1/v2c/v3, Statuses, Log
Event Engine
StartUp script & Up/Down script (Bash), Digital Input, Network Parameters, Data Usage, Timer, Power, Device Temperature
Report Types: email, SNMP Trap
Other
IPv6 support
SmartFlex SR300
FLEXIBLE, ADAPTABLE LAN ROUTER
HW SPECIFICATIONS
PORTS, LED, ANTENNAS
5x ETH ports
RJ45, 10/100 Mbps
LED Indicators
PWR, ETH, USR, POE, IN0, IN1, OUT
Wi-Fi Antenna (sold separately)
R-SMA connector
USB
USB Host connector 2.0
SD Card
1x Micro SD Card slot (rear panel)
RST
RESET button (rear panel)
POE
PARAMETERS
POE PD
parameters for opposite PSE
P0E PSE
Input voltage
range
42.5 – 57 V
44 – 57 V, 65 W
Power available
25.50 W
2x 25.50 W
(ETH0, ETH1)
Maximum current
600 mA
Insul. Strength
1.5 kV from the router
none
Standards IEEE 802.3at-2009 (PoE+) and IEEE 802.3af-2003 (PoE) supported. Cabling
needed is Category 5, up to 12.5 Ω. It is possible to use a passive PoE injector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com