Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-RPS-V3-MO2-M Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-MO2-M
Description  FLEXIBLE, MODULAR LAN ROUTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-MO2-M Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  BB-RPS-V3-MO2-M Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-MO2-M Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V3-MO2-M Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
WI-FI - 802.11 A/B/G/N, AP OR CLIENT MODES *Optional
Supported Wi-Fi band
2.4 GHz, 5.4 GHz
Encryption
None, WEP, TKIP, AES
5 GHz supported
channels
36, 40, 44, 48, 52, 56, 60, 64, 149, 153, 157, 161, 165
2.4 GHz supported
channels
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14
Number of clients
10
Authentication
Open, Shared, WPA–PSK, WPA2–PSK
INDUSTRY CERTIFICATIONS & APPROVALS
SR300 - EMEA
Radio
ETSI EN 300 328 V2.1.1, ETSI EN 301 893 V2.1.1
EMC
ETSI EN 301 489-1 V1.9.2, ETSI EN 301 489-1 V2.1.1, ETSI EN
301 489-17 V3.1.1
Safety
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013
+ AC:2011, EN 62311:2008
UL C1D2 and ATEX:
UL 60950-1, 2nd ed. + am1 + am2 *
CAN/CSA C22.2 No. 60950-1-07, 2nd ed. + am1 + am2 *
UL E486108 *
ATEX II 3 G Ex nA IIC T4 Gc, DEMKO 16 ATEX 1801X *
STANDARDS AND REGULATIONS
POE
PARAMETERS
POE PD
parameters for opposite PSE
P0E PSE
Input voltage
range
42.5 – 57 V
44 – 57 V, 65 W
Power available
25.50 W
2x 25.50 W
(ETH0, ETH1)
Maximum current
600 mA
Insul. Strength
1.5 kV from the router
none
Standards IEEE 802.3at-2009 (PoE+) and IEEE 802.3af-2003 (PoE) supported. Cabling
needed is Category 5, up to 12.5 Ω. It is possible to use a passive PoE injector
ORDER CODE
DESCRIPTION
BB-AW-A2458G-FSRPK 
Antenna Wi-Fi, 2.4 & 5.8 GHz
BB-RPS-v3-MO2-M
SmartFlex Power Supply, 12V/1A
BB-RPS-v3-PSE
SmartFlex Power Supply, 48V/1.35A (power cord required)
BB-PWRCORD-US
USA - Power Supply Power Cord
BB-PWRCORD-EU
EU - Power Supply Power Cord
BB-PWRCORD-UK
UK - Power Supply Power Cord
BB-PWRCORD-AUS
AU - Power Supply Power Cord
BB-SBD40
DIN Rail Clip - metal
BB-KN-v3-MO2-3
PS Cable 2-wire, MO 2 pins, 3m, v3 routers
BB-KIO-v3-MO6-3
IO Cable 6-wire, 3m, v3 routers
ACCESSORIES
SD card slot
RESET button
DIN holder
Ethernet 10/100 ports
PoE PSD capability
WiFi antenna connector
IN0, IN1, OUT
Power connector
USB Host
3-port SWITCH
Robust metal or plastic case
* Excluding versions with PoE PSE.
SmartFlex SR300
FLEXIBLE, ADAPTABLE LAN ROUTER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com