Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKMCS1818E20A0-R1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # PKMCS1818E20A0-R1
Description  Specification of Piezoelectric Sounder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS1818E20A0-R1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  PKMCS1818E20A0-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS1818E20A0-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
仕様書番号
Drawing No. JGB40-1595B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 5/12
8.
耐候性能
Environmental Characteristics
試験項目
Item
試 験 条 件
Test Condition
試験後の規格
Specification
8-1
高温放置
Dry Heat Test
(Storage)
温度+105±2℃に 1000 時間保持し、常温に
取出し 4 時間放置後測定します。
Components shall be left in a chamber
(Temperature: +105
2C) for 1000 hours, then
measured after leaving in natural condition for 4
hours.
第 1 表を満足しま
す。
The measured value
shall meet Table 1.
8-2
高温負荷
Dry Heat condition
Operation test
温度+105±2℃、+18Vo-p、2kHz 方形波にて
1,000 時間駆動し、常温に取出し 4 時間放置後
測定します。
After being placed in a chamber with +105±
2℃ for 1000 hours on operating with +18Vo-p,
2kHz, square wave and then being placed in
natural condition for 4 hours, components shall
be measured.
8-3
低温放置
Cold Test
(Storage)
温度-40±2℃に 1000 時間保持し、常温に取
出し 4 時間放置後測定します。
Components shall be left in a chamber
(Temperature: -40
2C) for 1000 hours, then
measured after leaving in natural condition for 4
hours.
8-4
耐湿性
Humidity
温度+85±2℃,湿度 85±3%R.H.の恒温恒湿
槽中に 1000 時間保持し、常温に取り出し 4 時
間放置後測定します。
Components shall be left in a chamber (85±
3% R.H. at +85
2C) for 1000 hours, then
measured after leaving in natural condition for 4
hours.
8-5
熱衝撃
Thermal Shock
温度-40℃の恒温槽中に 30 分間保持後 2~3
分間の内に温度+105℃の恒温槽中に 30 分間保
持する。これを 1 サイクルとし、1000 サイク
ル行い常温に取り出し 4 時間放置後測定する。
After
being
kept
at
room
temperature,
components shall be placed at temperature of
-40°C. After 30 minutes at this temperature,
components shall be within a few minutes
placed at temperature of +105°C. After 30
minutes at this temperature components shall
be returned to -40°C again.
After 1000 above cycles, components shall be
returned to room temperature. And components
shall be measured after being placed in natural
condition for 4 hour.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com