Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLE-12 Datasheet(PDF) 7 Page - DIWELL Electronics Co., Ltd.

Part # CLE-12
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CLE-12 Datasheet(HTML) 7 Page - DIWELL Electronics Co., Ltd.

  CLE-12 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DANUBE
http://www.danube.com.tw
2016/09/12
7
 DERATING CURVE
0%
25%
50%
75%
100%
125%
-40
0
25
50
65
71
100
TA(degree C)
0.30A,0.35A
0.50A,0.60A
 MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
PACKAGE ”D”
31.8[1.25]
15.24[0.60]
20.3[0.80]
2
11
12
14
13
21
23
3.81[0.15]
12.2[0.48]
2.54[0.10]
BOTTOM
VIEW
SIDE
VIEW
All dimensions are in mm[inches]
1
2.06[0.08]
24
PINOUT
COMMENT
1 & 2
-Vin
Don’t connect to
-Vout
11 & 12
-Vout
LED - Connection
13 & 14
+Vout
LED + Connection
21
PWM DIM
ON/OFF/PWM
Dimming
Leave open if not
used
23 & 24
+Vin
DC Supply
NOTE :
Pin Size is Tolerance 0.60Φ ±0.05mm
All dimensions are in mm [inches]
Tolerance .X
or
.XX= ±0.5mm
TOP VIEW
1 2
11
23
14
21
0.8 +0.2/-0
Φ
24
13
12
GRID:2.54 mm
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com