Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPH8R808QM Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPH8R808QM
Description  MOSFETs Silicon N-channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPH8R808QM Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPH8R808QM Datasheet HTML 1Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 2Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 3Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 4Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 5Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 6Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 7Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 8Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TPH8R808QM
3
6. Electrical Characteristics
6.1. Static Characteristics (Ta = 25 � unless otherwise specified)
Characteristics
Gate leakage current
Drain cut-off current
Drain-source breakdown voltage
Drain-source breakdown voltage
Gate threshold voltage
Drain-source on-resistance
(Note 6)
Symbol
IGSS
IDSS
V(BR)DSS
V(BR)DSX
Vth
RDS(ON)
Test Condition
VGS = ±20 V,VDS = 0 V
VDS = 80 V, VGS = 0 V
ID = 10 mA, VGS = 0 V
ID = 10 mA, VGS = -20 V
VDS = 10 V, ID = 0.3 mA
VGS = 6 V, ID = 10 A
VGS = 10 V, ID = 26 A
Min
�
�
80
60
2.5
�
�
Typ.
�
�
�
�
�
8.9
6.8
Max
±0.1
10
�
�
3.5
12.5
8.8
Unit
µA
V
mΩ
Note 6: If a reverse bias is applied between gate and source, this device enters V(BR)DSX mode. Note that the drain-
source breakdown voltage is lowered in this mode.
6.2. Dynamic Characteristics (Ta = 25 � unless otherwise specified)
Characteristics
Input capacitance
Reverse transfer capacitance
Output capacitance
Gate resistance
Switching time (rise time)
Switching time (turn-on time)
Switching time (fall time)
Switching time (turn-off time)
Symbol
Ciss
Crss
Coss
rg
tr
ton
tf
toff
Test Condition
VDS = 40 V, VGS = 0 V, f = 1 MHz
�
See Fig. 6.2.1
Min
�
�
�
�
�
�
�
�
Typ.
1750
22
460
1.5
10
24
8
33
Max
2500
50
�
2.3
�
�
�
�
Unit
pF
Ω
ns
VDD
≈ 40 V
VGS = 0 V/ 10 V
ID = 26 A
RL = 1.54 Ω
RGG = 4.7 Ω
RGS = 4.7 Ω
Duty ≤ 1 %, tw = 10 µs
Fig. 6.2.1
Switching Time Test Circuit
6.3. Gate Charge Characteristics (Ta = 25 � unless otherwise specified)
Characteristics
Total gate charge (gate-source plus
gate-drain)
Gate-source charge 1
Gate-drain charge
Gate switch charge
Output charge
Symbol
Qg
Qgs1
Qgd
QSW
Qoss
Test Condition
VDD
≈ 40 V, VGS = 10 V, ID = 26 A
VDD
≈ 40 V, VGS = 6 V, ID = 10 A
VDD
≈ 40 V, VGS = 10 V, ID = 26 A
VDD = 40 V, VGS = 0 V, f = 1 MHz
Min
�
�
�
�
�
�
Typ.
26
16
8
5.4
8.6
31
Max
�
�
�
�
�
�
Unit
nC
2022-09-28
Rev.2.0
©2021-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com