Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFD2375 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFD2375
Description  NPN SILICON PLANAR POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFD2375 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFD2375 Datasheet HTML 1Page - Continental Device India Limited CFD2375 Datasheet HTML 2Page - Continental Device India Limited CFD2375 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
CFD2375
TO-220FP Fully Isolated
Plastic Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
RMS Isolation Voltage (for 1sec, R.H.
** VISOL (a)
<30%, Ta = 25
oC)
(b)
Collector Current Peak
ICP
Collector Current
IC
Base Current
IB
Collector Power Dissipation @Tc=25
oC
PC
@Ta=25
oC
Junction Temperature
Tj
Storage Temperature Range
Tstg
** RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB = 80V, IE=0
100
µA
Collector Cut off Current
ICEO
VCE = 40V, IB=0
100
µA
Emitter Cut off Current
IEBO
VEB= 6V, IC=0
100
µA
Collector Emitter Voltage
VCEO
IC= 25mA, IB=0
60
V
DC Current Gain
hFE
VCE = 4V, IC = 0.5A
500
1500
Collector Emitter Saturation Voltage
VCE(sat)
IC = 2A, IB = 0.05A
1
V
Transition Frequency
fT
VCE =12V, IC = 0.2A
50
MHz
f=10MHz
hFE Classification
Q : 500 - 1000
P : 800 - 1500
A
A
2
W
oC
- 55 to +150
80
60
6
3500
1500
3
25
150
1
6
VALUE
W
ºC
V
VRMS
VRMS
A
UNIT
V
V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFD2375

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD2374A CDIL-CFD2374A Datasheet
95Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results

Similar Description - CFD2375

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3772 TEL-2N3772 Datasheet
69Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
BD707 TEL-BD707 Datasheet
159Kb / 2P
NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
2N3772 CDIL-2N3772 Datasheet
144Kb / 4P
NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com