Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-RPS-V3-MO2-M Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-MO2-M
Description  FLEXIBLE, MODULAR LTE ROUTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-MO2-M Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  BB-RPS-V3-MO2-M Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-MO2-M Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V3-MO2-M Datasheet HTML 3Page - Advantech Co., Ltd. BB-RPS-V3-MO2-M Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CELLULAR MODULE PARAMETERS
SR303 - EMEA
LTE parameters
Bit rate 100 Mbps (DL) / 50 Mbps (UL)
3GPP rel. 8 standard
Supported bandwidths: 5 MHz, 10 MHz, 20 MHz
Supported frequencies: 800 / 900 / 1800 / 2100 / 2600 MHz
GPRS/EDGE parameters
Bit rate 237 kbps (DL) / 59,2 kbps (UL)
GPRS multislot class 10, CS 1 to 4
EDGE multislot class 12, CS 1 to 4, MCS 1 to 9
Supported frequencies: 900 / 1800 MHz
HSPA+ parameters
Bit rate 42 Mbps (DL) / 5,76 Mbps (UL)
3GPP rel. 7 standard
UE CAT. 1 to 6, 8, 10, 12, 14
3GPP data compression
Supported frequencies: 900 / 1800 / 2100 MHz
GPRS/EDGE power classes
EGSM 900: Class 4 (33 dBm)
GSM 1800: Class 1 (30 dBm)
EDGE 900: Class E2 (27 dBm)
EDGE 1800: Class E2 (26 dBm)
UMTS parameters
PS bit rate 384 kbps (DL) / 384 kbps (UL)
CS bit rate 64 kbps (DL) / 64 kbps (UL)
W-CDMA FDD standard
Supported frequencies: 900 / 1800 / 2100 MHz
SmartFlex SR303
FLEXIBLE, MODULAR LTE ROUTER
INDUSTRY CERTIFICATIONS & APPROVALS
SR303
Radio
ETSI EN 301 511 V12.5.1, ETSI EN 300 440 V2.1.1, ETSI EN 301 908-1 V11.1.1, ETSI EN 301 908-2 V11.1.1, ETSI EN 301 908-13
V11.1.1, ETSI EN 300 328 V2.1.1, ETSI EN 301 893 V2.1.1
EMC
ETSI EN 301 489-1 v1.9.2, ETSI EN 301 489-1 V2.1.1, Draft ETSI EN 301 489-19 V2.1.0, Draft ETSI EN 301 489-52 V1.1.0, ETSI
EN 301 489-17 V3.1.1
Safety
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013 + AC:2011,
EN 62311:2008
UL 60950-1, 2nd ed. + am1 + am2 *
CAN/CSA C22.2 No. 60950-1-07, 2nd ed. + am1 + am2 *
UL E486108 *
ATEX II 3 G Ex nA IIC T4 Gc, DEMKO 16 ATEX 1801X *
E-Mark – EMC for devices
in transportation
E8 homologation number: 10R – 04 7737
National
Brazil - Anatel (00176-19-05739)
STANDARDS AND REGULATIONS
SD card slot
Secondary SIM
Primary SIM
RESET button
DIN holder
Ethernet 10/100 ports
*optional PoE PD and
PoE PSD capability
WiFi antenna connector *optional
IN0, IN1, OUT
GPS antenna connector
ANT, DIV antenna connector
Power connector
USB Host
*optional - RS232, ETH - RS232 - RS485, RS232 - RS485, 3-port SWITCH
Robust metal or plastic case
* Excluding versions with PoE PSE, versions with RS232-RS485-ETH interface or versions with RS232 interface (RJ45).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com