Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDME2-S Datasheet(PDF) 8 Page - CUI INC

Part # PDME2-S
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDME2-S Datasheet(HTML) 8 Page - CUI INC

  PDME2-S_V01 Datasheet HTML 1Page - CUI INC PDME2-S_V01 Datasheet HTML 2Page - CUI INC PDME2-S_V01 Datasheet HTML 3Page - CUI INC PDME2-S_V01 Datasheet HTML 4Page - CUI INC PDME2-S_V01 Datasheet HTML 5Page - CUI INC PDME2-S_V01 Datasheet HTML 6Page - CUI INC PDME2-S_V01 Datasheet HTML 7Page - CUI INC PDME2-S_V01 Datasheet HTML 8Page - CUI INC PDME2-S_V01 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date 11/04/2022
│ page 8 of 9
CUI Inc
│ SERIES: PDME2-S │ DESCRIPTION: DC-DC CONVERTER
EMC RECOMMENDED CIRCUIT
Table 3
Figure 3
Single Output Models
Recommended External Circuit Components
Vin (Vdc)
5
12, 15, 24
Vo (Vdc)
all output models
12, 15, 24
±12, ±15, ±24
C1 / C2
4.7 µF / 16 V
4.7 µF / 50 V
4.7 µF / 50 V
CY
270 pF / 2 kV
270 pF / 2 kV
270 pF / 2 kV
C3 / C4
refer to the Co in Tables 1, 2
LDM
6.8 μH
6.8 μH
6.8 μH
Figure 4
Dual Output Models
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com