Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP242 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP242
Description  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP242 Datasheet HTML 2Page - Power Integrations, Inc. TOP242 Datasheet HTML 3Page - Power Integrations, Inc. TOP242 Datasheet HTML 4Page - Power Integrations, Inc. TOP242 Datasheet HTML 5Page - Power Integrations, Inc. TOP242 Datasheet HTML 6Page - Power Integrations, Inc. TOP242 Datasheet HTML 7Page - Power Integrations, Inc. TOP242 Datasheet HTML 8Page - Power Integrations, Inc. TOP242 Datasheet HTML 9Page - Power Integrations, Inc. TOP242 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Rev. R 10/20
6
TOP242-250
www.power.com
66 kHz can be chosen by connecting this pin to CONTROL
pin instead. Leaving this pin open is not recommended.
CONTROL (C) Pin Operation
The CONTROL pin is a low impedance node that is capable
of receiving a combined supply and feedback current. During
normal operation, a shunt regulator is used to separate
the feedback signal from the supply current. CONTROL
pin voltage V
C is the supply voltage for the control circuitry
including the MOSFET gate driver. An external bypass
capacitor closely connected between the CONTROL and
SOURCE pins is required to supply the instantaneous gate
drive current. The total amount of capacitance connected
to this pin also sets the auto-restart timing as well as
control loop compensation.
When rectified DC high voltage is applied to the DRAIN pin
during start-up, the MOSFET is initially off, and the CONTROL
pin capacitor is charged through a switched high voltage
current source connected internally between the DRAIN
and CONTROL pins. When the CONTROL pin voltage
V
C reaches approximately 5.8 V, the control circuitry is
activated and the soft-start begins. The soft-start circuit
gradually increases the duty cycle of the MOSFET from
zero to the maximum value over approximately 10 ms. If no
external feedback/supply current is fed into the CONTROL
pin by the end of the soft-start, the high voltage current
source is turned off and the CONTROL pin will start
discharging in response to the supply current drawn by the
control circuitry. If the power supply is designed properly,
and no fault condition such as open loop or shorted
output exists, the feedback loop will close, providing
external CONTROL pin current, before the CONTROL
pin voltage has had a chance to discharge to the lower
threshold voltage of approximately 4.8 V (internal supply
undervoltage lockout threshold). When the externally fed
current charges the CONTROL pin to the shunt regulator
voltage of 5.8 V, current in excess of the consumption of
the chip is shunted to SOURCE through resistor R
E as
shown in Figure 2. This current flowing through R
E controls
the duty cycle of the power MOSFET to provide closed
loop regulation. The shunt regulator has a finite low output
impedance Z
C that sets the gain of the error amplifier when
used in a primary feedback configuration. The dynamic
impedance Z
C of the CONTROL pin together with the
external CONTROL pin capacitance sets the dominant pole
for the control loop.
When a fault condition such as an open loop or shorted
output prevents the flow of an external current into
the CONTROL pin, the capacitor on the CONTROL
pin discharges towards 4.8 V. At 4.8 V, auto-restart is
activated which turns the output MOSFET off and puts
the control circuitry in a low current standby mode. The
high-voltage current source turns on and charges the
external capacitance again. A hysteretic internal supply
undervoltage comparator keeps V
C within a window
of typically 4.8 V to 5.8 V by turning the high-voltage
current source on and off as shown in Figure 8. The
auto-restart circuit has a divide-by-eight counter which
prevents the output MOSFET from turning on again until
eight discharge/charge cycles have elapsed. This is
accomplished by enabling the output MOSFET only when
the divide-by-eight counter reaches full count (S7). The
counter effectively limits TOPSwitch-GX power dissipation
by reducing the auto-restart duty cycle to typically 4%.
PI-2545-082299
S1
S2
S6
S7
S1
S2
S6
S7
S0
S1
S7
S0
S0
5.8 V
4.8 V
S7
0 V
0 V
0 V
VLINE
VC
VDRAIN
VOUT
Note: S0 through S7 are the output states of the auto-restart counter
2
1
2
3
4
0 V
S6
S7
VUV
S2
Figure 8. Typical Waveforms for (1) Power Up (2) Normal Operation (3) Auto-Restart (4) Power Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com