Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMMT591 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMMT591
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMMT591 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMMT591 Datasheet HTML 1Page - Continental Device India Limited CMMT591 Datasheet HTML 2Page - Continental Device India Limited CMMT591 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max.
80 V
Collector-emitter voltage (open base)
VCEO
max.
60 V
Emitter-base voltage (open collector)
VEBO
max.
5 V
Collector current
IC
max.
1 A
Peak Pulse current
ICM
max.
2 A
Base current
IB
max.
200 mA
Total power dissipation at Tamb = 25°C
Ptot
max.
500 mW
Storage temperature
Tstg
-55 to +150 ° C
Junction temperature
Tj
max.
150 ° C
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector cut-off current
IE = 0; VCB = 60 V
ICBO
max.
100 nA
VBE = 0; VCE = 60 V
ICES
max.
100 nA
Emitter cut-off current
VEB = 4 V; IC = 0
IEBO
max.
100 nA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO
min.
60 V
IC = 100 µA; IE = 0
VCBO
min.
80 V
IE = 100 µA; IC = 0
VEBO
min.
5 V
Base-emitter voltage
IC = 1 A; VCE = 5 V
VBE*
max.
1 V
Saturation voltage
IC = 500 mA; IB = 50 mA
VCEsat* max.
300 mV
IC = 1 A; IB = 100 mA
max.
600 mV
IC = 1 A; IB = 100 mA
VBEsat* max.
1.2 V
D.C. current gain
IC = 1 mA; VCE = 5 V
hFE
min.
100
IC = 500 mA; VCE = 5 V*
min.
100
max.
300
IC = 1 A; VCE = 5 V*
min.
80
IC = 2 A; VCE = 5 V*
min.
15
Collector capacitance at f = 1 MHz
IE = 0; VCB = 10 V
Cob
max.
10 pF
Transition frequency at f = 100 MHz
IC = 50 mA; VCE = 10 V
fT
min.
150 MHz
* Measured under pulsed conditions: Pulse width = 300 µs, duty cycle = 2%.
CMMT591



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com