Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLL5233B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CLL5233B
Description  SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL5233B Datasheet(HTML) 2 Page - Continental Device India Limited

  CLL5233B Datasheet HTML 1Page - Continental Device India Limited CLL5233B Datasheet HTML 2Page - Continental Device India Limited CLL5233B Datasheet HTML 3Page - Continental Device India Limited CLL5233B Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
Polarity : Cathode indicated by colour band.
Note 1
: Suffix A for ± 10% tolerance; Suffix B for ± 5% tolerance.
Note 2
: Pulse test : 20ms
≤ tp≤ 50ms.
Nominal
Test
Max Zener Impedance Max Reverse Leakage Current
Max Zener
Zener Voltage Current
A and B Suffix only
A and B Suffix only Non-Suffix
Voltage
Type No.
V
Z @ IZT
I
ZT
Temperature
(Note 1)
Volts
mA
Z
ZT @ IZT
Z
ZK @ IZK
I
R
@V
R
I
R @ VR
Coeff. (A and B
(Note 2)
(Note 2)
Ohms
= 0.25 mA
µA
Volts
Used for
Suffix only)
Ohms
A
B
Suffix A µA
θθθθθ VZ (%/°C)
Electrical Characteristics
T
A = 25°C Unless otherwise noted Based on dc measurements at thermal equilibrium; case temperature maintained at
30 ± 2°C. V
F = 1.1 max @ IF = 200 mA for all types.
CLL5248A
18.0
7.0
21
600
0.1
13.3
14.0
10
+ 0.085
CLL5249A
19.0
6.6
23
600
0.1
13.3
14.0
10
+ 0.086
CLL5250A
20.0
6.2
25
600
0.1
14.3
15.0
10
+ 0.086
CLL5251A
22.0
5.6
29
600
0.1
16.2
17.0
10
+ 0.087
CLL5252A
24.0
5.2
33
600
0.1
17.1
18.0
10
+ 0.088
CLL5253A
25.0
5.0
35
600
0.1
18.1
19.0
10
+ 0.089
CLL5254A
27.0
4.6
41
600
0.1
20.0
21.0
10
+ 0.090
CLL5255A
28.0
4.5
44
600
0.1
20.0
21.0
10
+ 0.091
CLL5256A
30.0
4.2
49
600
0.1
22.0
23.0
10
+ 0.091
CLL5257A
33.0
3.8
58
700
0.1
24.0
25.0
10
+ 0.092
CLL5258A
36.0
3.4
70
700
0.1
26.0
27.0
10
+ 0.093
CLL5259A
39.0
3.2
80
800
0.1
29.0
30.0
10
+ 0.094
CLL5260A
43.0
3.0
93
900
0.1
31.0
33.0
10
+ 0.095
CLL5261A
47.0
2.7
105
1000
0.1
34.0
36.0
10
+0.095
SOD-80C Zener Diodes, 500 mW
CLL5230ARev290001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com