Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032BEUI-104I/SM Datasheet(PDF) 68 Page - Microchip Technology

Part # SST26VF032BEUI-104I/SM
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI-104I/SM Datasheet(HTML) 68 Page - Microchip Technology

Back Button SST26VF032BEUI-104I/SM Datasheet HTML 64Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 65Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 66Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 67Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 68Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 69Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 70Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 71Page - Microchip Technology SST26VF032BEUI-104I/SM Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 68
 2019 Microchip Technology Inc.
11.1
Mapping Guidance Details
The SFDP Memory Organization/Block Protection Bit
Mapping defines the memory organization including
uniform sector/block sizes and different contiguous
sectors/blocks sizes. In addition, this bit defines the
number of these uniform and different sectors/blocks
from address 000000H to the full range of Memory and
the associated Block Locking Register bits of each sec-
tor/block.
Each major Section is defined as follows:
25EH
A23:A16
07H
Section 5 Block Protection Bit Start
((2m) +1)+ c, c=07H or 7, m= 6 for 32 Mb
Address bits are Read Lock bit locations and Even Address bits are Write
Lock bit locations. The most significant (left-most) bit indicates the sign of
the integer; it is sometimes called the sign bit. If the sign bit is zero, then
the number is greater than or equal to zero, or positive. If the sign bit is
one then the number is less than zero or negative.
25FH
A31:A24
0EH
Section 5 (Top) Block Protection Bit End
(((2m) +1)+ c, c=0EH or 14, m= 6 for 32 Mb,
Address bits are Read Lock bit locations and Even Address bits are Write
Lock bit locations. The most significant (left-most) bit indicates the sign of
the integer; it is sometimes called the sign bit. If the sign bit is zero, then
the number is greater than or equal to zero, or positive. If the sign bit is
one then the number is less than zero or negative.
EUI-48 and EUI-64 Information
260H
A7:A0
30H
Indicates if EUI48 Mac address is being programmed in the next 6
address locations.
30H=48 bits is programmed
FFH=Not being programmed
261H
A15:A8
Octet 5
Mac address LSB-Octet 5
262H
A23:A16
Octet 4
Octet 4
263H
A31:A24
Octet 3
Octet 3
264H
A7:A0
Octet 2
Octet 2
265H
A15:A8
Octet 1
Octet 1
266H
A23:A16
Octet 0
Mac address MSB-Octet 0
267H
A31:A24
40H
Indicates if EUI64 Mac address is being programmed in the next 8
address locations.
40H=64 bits is programmed
FFH=Not being programmed
268H
A7:A0
Octet 7
Mac address LSB-Octet 7
269H
A15:A8
Octet 6
Octet 6
26AH
A23:A16
Octet 5
Octet 5
26BH
A31:A24
Octet 4
Octet 4
26CH
A7:A0
Octet 3
Octet 3
26DH
A15:A8
Octet 2
Octet 2
26EH
A23:A16
Octet 1
Octet 1
26FH
A31:A24
Octet 0
Mac address MSB-Octet 0
1. See “Mapping Guidance Details” for more detailed mapping information
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (16 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com